Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 10Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 11Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 12Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 13Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 14Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 15Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 16Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 17Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 14 of 153
3.2
Data and Mask Addressing
Each 72-bit entry in the device can be accessed directly through its address index. The data and mask arrays addresses are as
shown in Figure 3-3.
3.3
Successful Search and Multiple Match Arbitration
During a Search operation, the search data bit is masked with the corresponding global mask bit from the selected Global Mask
Register and the mask array bit before being compared to the data array entry bit to check for a match at that bit position (see
Table 3-1). The entry with a match on every bit position results in a successful Search. For example, in order for a successful
Search within a device to make the device the local winner, all 72-bit positions must generate a match for a 72-bit entry in 72-bit-
configured quadrants. The same applies to 144-bit, 288-bit, and 576-bit searches.
The on-chip priority encoder selects the first matching entry in the database that is nearest to memory address 0. An arbitration
mechanism using a cascade bus determines the global winning device among the local winning devices in a Search cycle. The
global winning device then drives the output signals. When there is no successful Search, the device designated as the last device
(Refer to Section 5.3 for more information on last device designation) will drive the output signals.
Table 3-1. Bit Position Match
Global Mask Bit
Mask Array Bit
Data Array Bit
Search Key Bit
Match Result
0
XXX
1
10
X
X
1
11001
11100
11010
11111
71
0
72
0
1
2
3
N - 1
287
0
72
72
3
2
1
0
7
6
5
4
N - 4
N - 3
N - 2
N - 1
72
72
143
0
72
72
1
0
3
2
5
4
7
6
N - 2
N - 1
72-bit configuration
288-bit configuration
144-bit configuration
N
N/4
N/2
575
0
72
72
3
2
1
0
11
10
9
8
N - 8
N - 7
N - 6
N - 5
72
72
576-bit configuration
N/8
72
72
72
72
7
6
5
4
15
14
13
12
N - 4
N - 3
N - 2
N - 1
Figure 3-3. Addressing the Ayama 10000 Data and Mask Arrays
N = 262144 for CYNSE10512
131072 for CYNSE10256
65536 for CYNSE10128
[1]
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com