Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 8Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 9Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 10Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 11Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 12Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 13Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 14Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 15Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 12 of 153
Figure 2-2 shows how an NSE subsystem can be formed using a host ASIC, a bank of Ayama 10000 devices and a bank of
SRAM devices. It presents an example of how the NSE subsystem is integrated in a switch or router. The example also shows
two possible ways of connecting the devices in the NSE subsystem. In the Associative set-up, the host ASIC sends instructions
to the NSE. Where applicable, the NSE drives the SRAM inputs and the SRAM then returns the requested data to the host ASIC.
In the Index set-up, the NSE’s SRAM address information is routed back to the host ASIC. The host ASIC then interacts with the
SRAM bank after it receives the result from the NSE.
Figure 2-2. Example of Switch/Router Implementation Using Ayama 10000
Switch
Processor
Switch
Fabric
Program
Memory
System Bus
Host
ASIC
Ayama 10000
SRAM
SRAM
Ayama 10000
Host
ASIC
Associative Mode
Index Mode
Bank
Bank
Bank
Bank
or
NSE Subsystem
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com