Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 95 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 95 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 91Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 92Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 93Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 94Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 95Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 96Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 97Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 98Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 99Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 95 of 153
6.5.8
Mixed-size Single Searches with 31 Devices on Tables Configured with Different Widths
This subsection will cover mixed searches (×72, ×144, and ×288) with tables of different widths (×72, ×144, ×288). Note: Non-
Enhanced Mode does not support 576-bit tables. The sample operation shown is for 31 devices, with devices 0 to 7 containing
x72 tables (CFG field in Command register all zeroes for Non-Enhanced Mode, NES = “00” (binary) for all blocks for Enhanced
Mode), devices 8 to 15 containing x144 tables (CFG[63:0] field in Command register for CYNSE10512 = 5555555555555555
(hex), CFG[31:0] = 55555555 (hex) for CYNSE10256, CFG[15:0] = 5555 (hex) for CYNSE10128 for Non-Enhanced Mode, NES
= “01” (binary) in all blocks for Enhanced Mode), and the rest of the devices containing x288 tables (CFG[63:0] =
AAAAAAAAAAAAAAAA (hex) for CYNSE10512, CFG[31:0] = AAAAAAAA (hex) for CYNSE10256, CFG[15:0] = AAAA (hex) for
CYNSE10128 for Non-Enhanced Mode, NES = “10” (binary) in all blocks for Enhanced Mode). The following figures show three
sequential searches: first, a 72-bit Search on a ×72-configured table; a 144-bit Search on a ×144-configured table; and a 288-bit
Search on a ×288-configured table that each results in a hit.
The 31 cascaded devices can be viewed as three blocks of 8 devices and a fourth block of 7 devices, as shown in Figure 6-19.
Each individual block of 8 or 7 devices is connected very similarly to the connection shown in Figure 6-9, except that the BHI[2:0]
signals are connected to BHO of the previous block rather than being grounded. Figure 6-39 shows a graphical example of the
tables using CYNSE10512s.
Notes:
• The “Block” in the figure above refers to a block of 8 devices, not a block within a single device.
• All 31 devices must be programmed with the same values for TLZ (“10” (binary)) and HLAT (“000” (binary) in this example).
Only the last device in the table must be programmed with LRAM = 1 (binary) and LDEV = 1 (binary) (device 30 in this case).
All other upstream devices must be programmed with LRAM = 0 (binary) and LDEV = 0 (binary) (devices 0 through 29 in this
case).
• The device receiving all the LHO signals from the other devices is considered the last device.
• All the shared signals in the following timing diagrams showing tri-stated condition (“z”) indicate that, that particular device is
not driving the shared signals. The shared signals are not three-stated in a real life because other devices will be driving them.
• One way to create many tables of different widths in a bank of NSEs is by having table designation bits. It is assumed that bits
[71:70] for each entry will be assigned such table designation bits. DQ[71:70] will be 00 in each of the two A and B cycles of the
×72-bit Search (Search1). DQ[71:70] is 01 in each of the A and B cycles of the ×144-bit Search (Search2). DQ[71:70] is 10 in
each of the A, B, C, and D cycles of the ×288-bit Search (Search3).
The timing diagrams below corresponds to the Hit/Miss assumptions defined in Table 6-11. For the purpose of illustrating the
timings, it is further assumed that there is only one device with a matching entry in each of the blocks.
Table 6-11. Hit/Miss Assumptions
Search Number
#1 (x72)
#2 (x144)
#3 (x288)
Block 0
Hit
Miss
Miss
Block 1
Miss
Hit
Miss
Block 2
Miss
Miss
Hit
Block 3
Miss
Miss
Miss
Blocks 2 and 3, Devices 16 to 30, 1 million entries
Block 0, Devices 0 to 7, 2 million entries
72
Block 1, Devices 8 to 15, 1 million entries
144
288
CFG = 0000000000000000 (hex)
Figure 6-39. Multiwidth Configurations Example with CYNSE10512s
CFG = 5555555555555555 (hex)
CFG = AAAAAAAAAAAAAAAA (hex)
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com