Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 85 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 85 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 81Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 82Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 83Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 84Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 85Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 86Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 87Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 88Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 89Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 85 of 153
6.5.6
576-bit Single Search for One Device or Cascade up to Eight Devices
The hardware diagram of the Search subsystem of up to eight devices is shown in Figure 6-9. The MultiSearch Enable (MSE)
bit in the Command Register must be set LOW to perform single-search. The following are the rest of the parameters programmed
into the eight devices.
• First seven devices (devices 0–6): TLSZ = 01 (binary), HLAT = 000 (binary), LRAM = 0 (binary), and LDEV = 0 (binary).
• Eighth device (device 7): TLSZ = 01 (binary), HLAT = 000 (binary), LRAM = 1 (binary), and LDEV = 1 (binary).
• 576-bit search is only available in the Enhanced Mode, not in the Non-Enhanced Mode. NES should be set to “11” (binary) in
all blocks of all devices to create a 576-bit table.
For a single-device configuration, all parameters will be the same as device 7. BHI[2:0] and LHI[6:0] should be tied to ground.
Notes:
• All eight devices must be programmed with the same values for TLSZ and HLAT. Only the last device in the table (device
number 7 in this case) must be programmed with LRAM = 1 (binary) and LDEV = 1 (binary). All other upstream devices
(devices 0 through 6 in this case) must be programmed with LRAM = 0 (binary) and LDEV = 0 (binary).
• The device receiving all the LHO signals from the other devices is considered the last device.
• All the shared signals in the following timing diagrams showing tri-stated condition (“z”) indicate that, that particular device is
not driving the shared signals. The shared signals are not three-stated in a real life because other devices will be driving them.
• Comparing the hardware diagrams shown in Figure 6-9 and Figure 6-14, enabling MultiSearch does not mean that a board
layout change is required. The LHO_1_L and LHI_1_L share the same pin with the Full In and Full Out signals, which are not
shown in Figure 6-9. Cascading multiple devices together still allow the user to configure the devices through software to
perform single-search or MultiSearch operations without any board change.
The following three figures show the response of three of the eight devices having a hit at different time according to a Hit/Miss
assumption shown below in Table 6-9. For these timing diagrams, three 576-bit searches are performed sequentially. Figure 6-
31 shows the timing diagram for a Search command in the 576-bit-configured table of eight devices for device number 0. Figure 6-
32 and Figure 6-33 shows the same for device number 1 and number 7 (the last device in this specific table) respectively.
Table 6-9. Hit/Miss Assumptions
Search Number
1
2
3
Device 0
Hit
Miss
Miss
Device 1
Miss
Hit
Miss
Devices 2–6
Miss
Miss
Miss
Device 7
Miss
Miss
Miss
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com