Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 84 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 84 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 80Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 81Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 82Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 83Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 84Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 85Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 86Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 87Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 88Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 84 of 153
during cycles A and B. CMD[8:6] signals must be driven with the index of the SSR that will be used for storing the address
of the matching entry and the hit flag (see page 27 for the description of SSR[0:7]). CMD[10:9] are don’t cares in this cycle.
— DQ Bus: The DQ[71:0] continues to carry the 72-bit data to be compared.
The logical 144-bit Search operation is shown in Figure 6-30. The entire table of 31 devices (consisting of 72-bit entries) is
compared to a 144-bit word K presented on the DQ bus in both cycles A and B of the command using the GMR and local mask
bits. The GMR is the 144-bit word specified by the even and odd GMR pairs selected by the GMR index in the command’s cycle
A. The 144-bit word K (presented on the DQ bus in both cycles A and B of the command) is also stored in both even and odd
comparand register pairs selected by the comparand register index in command cycle B. In the ×144 configuration, the even and
odd comparand register can be subsequently used by the Learn command only in the first non-full device.
Note. The Learn command is supported for only one of the blocks consisting of up to eight devices in a depth-cascaded table of
more than one block.
The word K (presented on the DQ bus in both cycles A and B of the command) is compared with each entry in the table, starting
at location 0 (decimal). A matching entry that satisfies the Soft Priority and Mini-Key scheme (for Enhanced Mode) will be the
winning entry, and its location address L will be driven as part of the SRAM address on the SADR[N:0] lines (see “SRAM PIO
Access” on page 121), N = 25 for CYNSE10512, 24 for CYNSE10256, 23 for CYNSE10128. The global winning device will drive
the bus in a specific cycle. On global miss cycles, the device with LRAM = 1 (binary) and LDEV = 1 (binary) will be the default
driver for such missed cycles.
Note. During 144-bit searches of 144-bit-configured tables, the Search hit will always be at an even address.
The Search command is a pipelined operation and executes a Search at half the rate of the frequency of CLK2X for 144-bit
searches in ×144-configured tables. The latency of SADR, CE_L, ALE_L, WE_L, SSV, and SSF from the 144-bit Search
command cycle (two CLK2X cycles) is shown in Table 6-4.
For up to 31 devices in the table (TLSZ = 10 (binary)), Search latency is 6 from command to SRAM access cycle. In addition,
SSV and SSF shift further to the right for different values of HLAT, as specified in Table 6-5.
143
0
Location
0
2
4
6
N
(144-bit configuration)
address
K
GMR
Comparand Register (odd)
Comparand Register (even)
A
B
143
0
71
0
(First matching entry)
L
A
B
Even
Odd
Will be same in each of the 31
devices
Must be same in each of the 31
devices
Figure 6-30. ×144 Table with 31 Devices
N = 4063231 for CYNSE10512
2031615 for CYNSE10256
1015807 for CYNSE10128
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com