Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 4Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 5Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 6Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 7Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 8Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 9Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 10Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 11Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 8 of 153
LIST OF TABLES
Table 3-1. Bit Position Match ................................................................................................................14
Table 4-1. Ayama™ 10000 Signal Description .....................................................................................15
Table 5-1. Summary of Non-Enhanced and Enhanced Mode Features and Functions Differences ....18
Table 5-2. Selection of Search Key, GMR, and CMPR in MultiSearch Operation ................................23
Table 5-3. List of Internal Registers ......................................................................................................25
Table 5-4. Search Successful Register Description .............................................................................28
Table 5-5. Command Register Description ...........................................................................................28
Table 5-6. Information Register Description .........................................................................................30
Table 5-7. Read Burst Register Description .........................................................................................30
Table 5-8. Write Burst Register Description .........................................................................................31
Table 5-9. NFA Register Description ....................................................................................................31
Table 5-10. Configuration Register Description ....................................................................................32
Table 5-11. Hardware Register Description ..........................................................................................33
Table 5-12. Parity Control Register Description ...................................................................................34
Table 5-13. Control Register .................................................................................................................35
Table 5-14. Search Result Register ......................................................................................................36
Table 5-15. SRR’s INDEX Composition Based on STATUS ................................................................36
Table 5-16. Block Mini-Key Register Description .................................................................................37
Table 5-17. Block Priority Register Description ....................................................................................38
Table 5-18. Block Parity Register Description ......................................................................................39
Table 5-19. Block NFA Register Description ........................................................................................39
Table 5-20. Block Priority Register Alias for Priority #0 Fields .............................................................41
Table 5-21. Block Priority Register Alias for Priority #1 Fields .............................................................41
Table 5-22. Block Priority Register Alias for Priority #2 Fields .............................................................41
Table 5-23. Block Priority Register Alias for Priority #3 Fields .............................................................41
Table 5-24. Pipeline Stages and Maximum Operating Speed. .............................................................43
Table 5-25. Data Array, Mask Array and External SRAM Address Space Encoding ...........................44
Table 5-26. SRAM Address Generation ...............................................................................................44
Table 5-27. Internal Register Address Space Encoding .......................................................................45
Table 5-28. Cascadability of Operations and Features ........................................................................45
Table 6-1. Command Codes .................................................................................................................50
Table 6-2. Single/Burst Read Command Parameters ..........................................................................51
Table 6-3. Single/Burst Write Command Parameters ...........................................................................54
Table 6-4. TLSZ[1:0] Description ..........................................................................................................56
Table 6-5. Shift of SSF and SSV from SADR .......................................................................................58
Table 6-6. Hit/Miss Assumptions ..........................................................................................................61
Table 6-7. Hit/Miss Assumption for MultiSearch Mode .........................................................................67
Table 6-8. Hit/Miss Assumptions ..........................................................................................................72
Table 6-9. Hit/Miss Assumptions ..........................................................................................................85
Table 6-10. Hit/Miss Assumptions for 576-bit Multi Search ..................................................................90
Table 6-11. Hit/Miss Assumptions ........................................................................................................95
Table 6-12. Hit/Miss Assumptions in MultiSearchMode .....................................................................108
Table 6-13. SRAM Write Cycle Latency from Second Cycle of Learn Instruction ..............................120
Table 6-14. Required Idle Cycles Between Commands .....................................................................133
Table 7-1. Supported Operations .......................................................................................................135
Table 7-2. TAP Device ID Register .....................................................................................................135
Table 9-1. DC Electrical Characteristics for Ayama 10000 .................................................................137
Table 9-2. Operating Conditions for Ayama 10000 ............................................................................137
Table 10-1. AC Timing Parameters with CLK2X ................................................................................138
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com