Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 71 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 71 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 67Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 68Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 69Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 70Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 71Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 72Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 73Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 74Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 75Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 71 of 153
The following is the sequence of operation for a single 72-bit MultiSearch command (also refer to Subsection 6.2, “Command
Bus Parameters,” on page 50).
• Cycle A:
— Command Bus: The host ASIC drives CMDV HIGH and applies Search command CMD[1:0] = “10”. The CMD[2] signal
must be driven to logic 0. {CMD[10], CMD[5:3]} signals must be driven with the index to the GMR pair for use in this Search
operation. CMD[7:6] signals must be driven with the same bits that will be driven on SADR[24:23] for CYNSE10512,
SADR[23:22] for CYNSE10256, SADR[22:21] for CYNSE10128 by this device if it has a hit. CMD[8] must be set to logic
1, and CMD[9] must be set to logic 0.
— DQ Bus: DQ[71:0] must be driven with the 72-bit data to be compared against the upper half (array 0) of the device entries.
• Cycle B:
— Command Bus: The host ASIC continues to drive CMDV HIGH and to apply Search command CMD[1:0] = “10”. CMD[5:2]
must be driven with the index of the Comparand Register. CMD[8:6] signals must be driven with the index of the SSR that
will be used for storing the address of the matching entry and the hit flag (see page 27 for information on SSR[0:7]).
CMD[10:9] are don’t cares during this cycle.
— DQ Bus: The DQ[71:0] is driven with the data that needs to compared with lower half (array 1) of the device entries.
The logical 72-bit Search operation is shown in Figure 6-18. The upper half of the device consisting of 72-bit entries is compared
to a 72-bit word that is presented on the DQ bus in cycles A using the GMR and local mask bits. The GMR used is the 72-bit word
specified in the even GMR selected by the GMR Index in the command’s cycle A. The lower half of the device consisting of 72-
bit entries is compared to a 72-bit word that is presented on the DQ bus in cycles B using the GMR and local mask bits. The GMR
used is the 72-bit word specified in the odd GMR selected by the GMR Index in the command’s cycle A. The result of the two
searches from the two halves are driven as two SRAM cycles as shown in the timing diagram. A matching entry from each array
that satisfies the Soft Priority and Mini-Key scheme will be the winning entries, and their location addresses La and Lb will be
driven as part of the SRAM address on the SADR[N:0] lines (see Section 6.7, “SRAM PIO Access,” on page 121), N = 25 for
CYNSE10512, 24 for CYNSE10256, 23 for CYNSE10128.
The Search command is a pipelined operation and executes a Search at the frequency of CLK2X for 72-bit searches in ×72-
configured tables. The latency of SADR, CE_L, ALE_L, WE_L, SSV, and SSF from the 72-bit Search command cycle (two CLK2X
cycles) is shown in Table 6-4. Search latency from command to SRAM access cycle is 5 from a single device upto eight devices
in the table with TLSZ = 01. In addition, SSV and SSF shift further to the right for different values of HLAT, as specified in Table 6-5.
71
0
Location
0
1
2
3
N/2 - 1
(72-bit configuration)
address
Data from Cycle A
GMR(even)
71
0
(First matching entry in
La
Figure 6-18. ×72 Table with in MultiSearchMode
71
0
Location
N/2
N/2 + 1
N/2 + 2
N/2 + 3
N-1
address
Data from Cycle B
GMR
71
0
(First matching entry in
Lb
the lower half)
the upper half)
Upper half (array 0)
Lower half (array 1)
N = 262144 for CYNSE10512
131072 for CYNSE10256
65536 for CYNSE10128
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com