Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 68 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 68 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 64Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 65Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 66Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 67Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 68Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 69Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 70Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 71Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 72Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 68 of 153
Notes:
• Each “cycle” consists of 2 CLK2x cycles, which is effectively one CLK1x cycle.
• The latency of SSV and SSF specified by HLAT refers to CLK1x cycles.
• LHO_0[1:0] will be valid 4 (CLK1x) cycles after the search parameter is sampled, regardless of the number of searches entered;
e.g., the search parameter A entered on DQ bus is sampled at cycle 1, LHO_0[1:0] will be available at cycle 5.
• For TLSZ[1:0] = 01, all signals on SRAM interface will be driven 5 (CLK1x) cycles after the search parameter is sampled,
regardless of the number of searches; e.g., the search parameter A sampled on cycle 1 is a hit, thus the address value sent
to SADR bus and the rest of the SRAM control signals will be driven at cycle 6.
M-Search2 M-Search4
10
10
10
10
A B A B A B A B
10
A B
cycle
CLK2X
CMDV
CMD[1:0]
DQ
CE_L
OE_L
CMD[10:2]
WE_L
1
cycle
2
cycle
3
cycle
4
cycle
5
cycle
6
cycle
7
cycle
8
cycle
9
cycle
10
HLAT = 001 (binary), TLSZ = 01 (binary), LRAM = 0 (binary), LDEV = 0 (binary).
Note: |(LHI_0[6:0]) and &(LHI_1_L[6:0]) stands for the boolean ‘OR’ and ‘AND’ respectively of the entire LHI bus.
Note: Each bit in LHO_0[1:0] and LHO_1_L[1:0] is the same logical signal.
This timing diagram is for device #0 only, High-Z means this device is not driving, but other device in the cascade may be
driving the bus.
PHS_L
SADR[M:0]
SSF
SSV
ALE_L
M-Search1 M-Search3
z
z
z
z
0
0
|(LHI_0[6:0])
0
LHO_0[1:0]
Figure 6-15. Timing Diagram for 72-bit MultiSearch Device Number 0
0
0
z
z
z
z
z
0
0
0
0
z
z
z
z
z
1
1
1
1
z
z
z
z
z
1
1
1
1
z
z
Hit
Miss
Hit
Miss Hit
Miss
Hit
&(LHI_1_L[6:0])
1
LHO_1_L[1:0]
0
1
1
0
0
1
M-Search5
cycle
11
cycle
12
0
0
1
1
0
A
C
E
G
F
DH
B
I J
Addr Addr
z
z
Addr
Addr
z
z
z
Addr
Addr
A
C
E
H
I
J
M = 25 for CYNSE10512, 24 for CYNSE10256, 23 for CYNSE10128
z
z
z
1
1
1
1
z
z
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com