Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 66 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 66 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 62Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 63Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 64Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 65Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 66Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 67Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 68Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 69Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 70Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 66 of 153
Notes:
• In MultiSearchMode, there is a separate set of the LHO and LHI signals corresponding to memory array 0 and array 1.
LHO_0[1:0] and LHI_0[6:0] corresponds to array 0 whereas LHO_1_L[1:0] and LHI_1_L[6:0] corresponds to array 1. The latter
share the same pins as FULO[1:0] and FULI[6:0] respectively.
• Both LHO_0[1] and LHO_0[0] are exact same signals so that the loads can be shared by two outputs. The same is true for
LHO_1_L[1] and LHO_1_L[0].
• Unused LHI_0 signals should be tied to ground whereas unused LHI_1_L signals should be tied to VDDQ_ASIC, which is either
1.8V or 2.5V only.
LHO_0[0]
6 5 43 21 0
LHI_0
LHO_0[0]
LHI_0
LHO_0[1]
LHI_0
LHO_0[0]
LHI_0
LHO_0[0]
LHI_0
LHO_0[0]
LHO_0[0]
BHO[0]
LHI_0
LHO[0]
LHI_0
LHI_0
LHO_0[1]
LHO_0[1]
LHO_0[1]
BHO[1]
BHO[0]
BHO[1]
BHI[2:0]
BHI[2:0]
BHI[2:0]
BHI[2:0]
BHI[2:0]
BHI[2:0]
BHI[2:0]
BHI[2:0]
DQ[71:0]
SRAM
LHO_0[1] LHO_0[0]
Ayama 10000 #0
Ayama 10000 #1
Ayama 10000 #2
Ayama 10000 #3
Ayama 10000 #4
Ayama 10000 #5
Ayama 10000 #7
BHO[2] BHO[2]
CMDV
CMD[10:0]
SSF, SSV
Ayama 10000 #6
6 5 43 21 0
6 5 43 21 0
6 5 43 21 0
6 5 43 21 0
6 5 43 21 0
6 5 43 21 0
6 5 43 21 0
LHO_1_L[0]
6 5 43 21 0
LHI_1_L
LHO_1_L[0]
LHI_1_L
LHO_1_L[1]
LHI_1_L
LHO_1_L[0]
LHI_1_L
LHO_1_L[0]
LHI_1_L
LHO_1_L[0]
LHO_1_L[0]
LHI_1_L
LHO_1_L[0]
LHI_1_L
LHI_1_L
LHO_1_L[1]
LHO_1_L[1]
LHO_1_L[1]
6 5 43 21 0
6 5 43 21 0
6 5 43 21 0
6 5 43 21 0
6 5 43 21 0
6 5 43 21 0
6 5 43 21 0
LHO_1_L[1] LHO_1_L[0]
Figure 6-14. Hardware Diagram for a Table with Eight Devices for MultiSearch
VDDQ_ASIC
VDDQ_ASIC
VDDQ_ASIC
VDDQ_ASIC
VDDQ_ASIC
VDDQ_ASIC
VDDQ_ASIC
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com