Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 65 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 65 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 61Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 62Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 63Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 64Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 65Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 66Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 67Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 68Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 69Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 65 of 153
The logical 72-bit Search operation is shown in Figure 6-13. The entire table of 72-bit entries (eight devices) is compared to a
72-bit word K (presented on the DQ bus in both cycles A and B of the command) using the GMR and local mask bits. The effective
GMR is the 72-bit word specified by the identical value in both even and odd GMR pairs, in each of the eight devices, and selected
by the GMR Index in the command’s cycle A. The 72-bit word K (presented on the DQ bus in both cycles A and B of the command)
is also stored in both even and odd comparand register pairs (selected by the comparand register index in command cycle B) in
each of the eight devices. In the ×72 configuration, only the even comparand register can subsequently be used by the Learn
command in one of the devices (the first non-full device only). The word K (presented on the DQ bus in both cycles A and B of
the command) is compared with each entry in the table, starting at location 0. A matching entry that satisfies the Soft Priority and
Mini-Key scheme (for Enhanced Mode) will be the winning entry, and its location address L will be driven as part of the SRAM
address on the SADR[N:0] lines (see Section 6.7, “SRAM PIO Access,” on page 121), N = 25 for CYNSE10512, 24 for
CYNSE10256, 23 for CYNSE10128. The global winning device will drive the bus in a specific cycle. On a global miss cycle, the
device with LRAM = 1 (default driving device for the SRAM bus) and LDEV = 1 (default driving device for SSF and SSV signals)
will be the default driver for such missed cycles.
The Search command is a pipelined operation and executes a Search at half the rate of the frequency of CLK2X for 72-bit
searches in ×72-configured tables. The latency of SADR, CE_L, ALE_L, WE_L, SSV, and SSF from the 72-bit Search command
cycle (two CLK2X cycles) is shown in Table 6-4.
The latency of the Search from command to SRAM access cycle is 5 for up to eight devices in the table (TLSZ = 01). SSV and
SSF also shift further to the right for different values of HLAT, as specified in Table 6-5.
6.5.4
72-bit MultiSearch for One Device or Cascade Up to Eight Devices
The multiple search operates the search commands in parallel on the upper half (array 0) and lower half (array 1) of the data
array in the device. The results from the two parallel searches are then driven on the SRAM bus at twice that rate relative to
single-search. The hardware diagram of the Search subsystem of up to eight devices is shown in Figure 6-14 below.
Note:
• MultiSearch feature is only available in the Enhanced Mode, not in the Non-Enhanced Mode.
• Comparing the hardware diagrams shown in Figure 6-9 and Figure 6-14, enabling MultiSearch does not mean that a board
layout change is required. The LHO_1_L and LHI_1_L share the same pin with the Full In and Full Out signals, which are not
shown in Figure 6-9. Cascading multiple devices together still allow the user to configure the devices through software to
perform single-search or MultiSearch operations without any board change.
• The device receiving all the LHO signals from the other devices is the last device.
• All the shared signals showing three-stated condition (“z”) indicate that, that particular device is not driving the shared signals.
The shared signals are not three-stated in a real life because other devices will be driving them.
71
0
Location
0
1
2
3
N
(72-bit configuration)
address
K
GMR
Comparand Register (Odd)
Comparand Register (Even)
K
K
71
0
71
0
(First matching entry)
L
Must be same in each of the eight
devices
Will be same in each of the eight
devices
Figure 6-13. ×72 Table with Eight Devices
N = 2097151 for CYNSE10512
1048575 for CYNSE10256
524287 for CYNSE10128
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com