Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 64 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 64 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 60Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 61Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 62Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 63Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 64Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 65Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 66Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 67Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 68Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 64 of 153
The following is the sequence of operation for a single 72-bit Search command (also refer to Subsection 6.2, “Command Bus
Parameters,” on page 50).
• Cycle A:
— Command Bus: The host ASIC drives CMDV HIGH and applies Search command CMD[1:0] = “10”. The CMD[2] and
CMD[9] signals must be driven to logic 0 for this 72-bit search. {CMD[10],CMD[5:3]} signals must be driven with the index
to the GMR pair for use in this Search operation. CMD[8:6] signals must be driven with the same bits that will be driven on
SADR[25:23] for CYNSE10512, SADR[24:22] for CYNSE10256, SADR[23:21] for CYNSE10128 by this device if it has a hit.
— DQ Bus: At the same time in cycle A, DQ[71:0] must be driven with the 72-bit data to be compared.
• Cycle B:
— Command Bus: The host ASIC continues to drive CMDV HIGH and to apply Search command CMD[1:0] = “10”. CMD[5:2]
must now be driven by the index of the comparand register pair for storing the two 72-bit word presented on the DQ bus
during cycles A and B. CMD[8:6] signals must be driven with the index of the SSR that will be used for storing the address
of the matching entry and hit flag (see page 27 for a description of SSR[0:7]). CMD[10:9] are don’t cares for this cycle.
— DQ Bus: The DQ[71:0] continues to carry the 72-bit data to be compared.
Note. For 72-bit searches, the host ASIC must supply the same 72-bit data on DQ[71:0] during both cycles A and B. Also, the
even and odd pairs of GMRs selected for the comparison must be programmed with the same value.
CFG are all zeroes for Non-Enhanced Mode,
NES = 00 (binary) in each block for Enhanced Mode.
HLAT = 010 (binary), TLSZ = 01 (binary), LRAM = 1 (binary), LDEV = 1 (binary).
Note: |(LHI[6:0]) stands for the boolean ‘OR’ of the entire bus LHI[6:0].
Note: Each bit in LHO[1:0] is the same logical signal.
Search2
Search4
W
X
Y
Z
10
10
10
10
A B A B A B A B
Addr
z
1
1
0
0
0
0
cycle
CLK2X
CMDV
CMD[1:0]
DQ
CE_L
OE_L
(Miss on
CMD[10:2]
1
cycle
2
cycle
3
cycle
4
cycle
5
cycle
6
cycle
7
cycle
8
cycle
9
cycle
10
PHS_L
SADR[M:0]
SSF
SSV
Search1
Search2
Search3
Search1
Search3
0
(Local
winner but
not global
winner)
|(LHI[6:0])
LHO[1:0]
this device)
(Miss on
this device)
0
z
0
0z
0
ALE_L
WE_L
1z
1
0
z
1 0
Search4
(Global
winner)
Figure 6-12. Timing Diagram for 72-bit Search Device Number 7 (Last Device)
Z
M = 25 for CYNSE10512, 24 for CYNSE10256, 23 for CYNSE10128
0
z
1 0
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com