Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 60 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 60 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 56Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 57Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 58Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 59Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 60Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 61Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 62Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 63Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 64Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 60 of 153
— DQ Bus: At the same time in cycle A, DQ[71:0] must be driven with the 72-bit data to be compared.
• Cycle B:
— Command Bus: The host ASIC continues to drive CMDV HIGH and to apply Search command CMD[1:0] = “10”. CMD[5:2]
must now be driven by the index of the comparand register pair for storing the search key presented on the DQ bus during
cycles A and B. CMD[8:6] signals must be driven with the index of the SSR that will be used for storing the address of the
matching entry and hit flag (see page 27 for a description of SSR[0:7]). CMD[10:9] are don’t cares for this cycle.
— DQ Bus: The DQ[71:0] continues to carry the search key to be compared.
Note. For 72-bit searches, the host ASIC can supply different 72-bit data on DQ[71:0] during both cycles A and B to be compared
with the tables in array 0 and 1 of the data array. The even and odd pairs of GMRs selected for the comparison need not be
programmed with the same value. For 144-bit, 288-bit or 576-bit searches, each 72-bit presented on each cycle A and B will
together form the 144-bit or 288-bit or 576-bit search key respectively. These search keys are compared to both array 0 and 1
during cycles A and B.
When an N-bit search key, K, is presented on the DQ bus, both arrays of N-bit entries are compared to the search key using the
GMR and local mask bits. The GMR is selected by the GMR Index in the command’s cycle A. K is also stored in both even and
odd comparand register pairs (selected by the comparand register index in command cycle B). K is compared with each entry in
the table, starting at location 0. A matching entry from each array that satisfies the Soft Priority and Mini-Key scheme will be the
winning entries, and their location addresses La and Lb will be driven as part of the SRAM address on the SADR[N:0] lines (see
Section 6.7, “SRAM PIO Access,” on page 121), N = 25 for CYNSE10512, 24 for CYNSE10256, 23 for CYNSE10128.
The latency of the Search from command to SRAM access cycle is 5 for a single device (or up to eight devices) configuration in
the table (TLSZ[1:0] = 01). SSV and SSF also shift further to the right for different values of HLAT, as specified in Table 6-5.
Figure 6-8 shows a multiwidth configuration when multisearch is enabled using CYNSE10512 as an example.
The NES field in the Block Mini-Key Register (BMR) should be configured as follows:
• For the first 32 blocks in the data array, NES = 00 (binary) for 72-bit table width. For the next 16 blocks, NES = 01 (binary) for
144-bit table width. For the following 16 blocks, NES = 10 (binary) for 288-bit table width. These will configure the tables in array 0.
• Setting NES = 00 (binary) for the next 32 blocks will configure those blocks to be 72-bit table in array 1. Setting NES = 01
(binary) for the next 16 blocks will configure those blocks to be 144-bit table. Setting the final 16 blocks’ NES field will configure
those blocks to be 288-bit table.
6.5.3
72-bit Single Search for 1 device or cascade up to eight devices
The hardware diagram of the Search subsystem of up to eight devices is shown in Figure 6-9. The MultiSearch Mode (MSE) bit
in the Command Register must be set LOW to perform single-search. The following are the rest of the parameters programmed
into the eight devices.
• In Non-Enhanced Mode, first seven devices (devices 0–6) must reset all bits of the CFG field in Configuration register to zeroes.
In Enhanced Mode, these devices should have the NES field of each block within a device configured to 00 for 72-bit table
width. TLSZ = 01 (binary), HLAT = 010 (binary), LRAM = 0 (binary), and LDEV = 0 (binary) for both modes.
• In Non-Enhanced Mode, the eighth device (device 7) should still reset all bits of the CFG field in Configuration register to
zeroes. In Enhanced Mode, NES should still be 00 (binary). But TLSZ = 01 (binary), HLAT = 010 (binary), LRAM = 1 (binary),
and LDEV = 1 (binary) for the last device
Note: The device receiving all the LHO signals from the other devices is the last device.
For a single-device configuration, the parameters are the same as device 7. BHI[2:0] and LHI[6:0] should be tied to ground.
8K
64K
72
16K
144
288
Upper half
Lower half
8K
64K
72
16K
144
288
(Array 0)
(Array 1)
Figure 6-8. Multiwidth Configurations Using CYNSE10512 as an Example
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com