Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 56 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 56 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 52Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 53Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 54Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 55Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 56Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 57Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 58Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 59Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 60Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 56 of 153
6.5
Search Command
One of the key parameters that controls SEARCH operation is TLSZ (Statically programmed in Command Register). TLSZ
controls the maximum number of devices that can be cascaded and the latency of SEARCH instruction, as shown in Table 6-4.
The following is a list of SEARCH operations described in the data sheet:
• Mixed-size Single Search for a single device on tables configured with different widths (TLSZ[1:0] = 01)
• Mixed-size MultiSearch for a single device on tables configured with different widths (TLSZ[1:0] = 01)
• 72-bit Single Search for single device or cascade up to eight devices (TLSZ[1:0] = 01)
• 72-bit MultiSearch for single device or cascade up to eight devices (TLSZ[1:0] = 01)
• 144-bit Single Search for cascade up to 31 devices (TLSZ[1:0] = 10)
• 576-bit Single Search for single device or cascade up to eight devices (TLSZ[1:0] = 01)
• 576-bit MultiSearch for single device or cascade up to eight devices (TLSZ[1:0] = 01)
• Mixed-size Single Search for cascade up to 31 devices on tables configured with different widths (TLSZ[1:0] = 10)
• Mixed-size MultiSearch for cascade up to eight devices on tables configured with different widths (TLSZ[1:0] = 01).
6.5.1
Mixed-size Single Searches with One Device on Tables Configured with Different Widths
This subsection covers single-searches with a single device configured with tables of different widths (×72, ×144, ×288). Figure 6-5
shows three sequential searches: first, a 72-bit Search on a ×72-configured table; a 144-bit Search on a ×144-configured table;
and a 288-bit Search on a ×288-configured table that each results in a hit. Figure 6-6 shows the sample table.
Note: If the mixed-size tables include a 576-bit table, then the device can only operate in the Enhanced Mode, as the maximum
table width allowed in the Non-Enhanced Mode is 288 bits.
One way to create multiple tables of different widths in an NSE is by having table designation bits. It is assumed that bits [71:70]
for each entry will be assigned such table designation bits. DQ[71:70] will be 00 in each of the two A and B cycles of the ×72-bit
Search (Search1). DQ[71:70] is 01 in each of the A and B cycles of the ×144-bit Search (Search2). DQ[71:70] is 10 in each of
the A, B, C, and D cycles of the ×288-bit Search (Search3).
Table 6-4. TLSZ[1:0] Description
TLSZ[1:0]
Max. Number of Devices
Allowed in a Cascaded
NSEs
SEARCH Latencies (CLK1X Cycles)
Max. Table Size (With Max. Number of
Devices
00
Not Supported
Not Applicable
Not Applicable
01
8
5
N x 72
N/2 x 144
N/4 x 288
N/8 x 576
N = 2048K for CYNSE10512, 1024K for
CYNSE10256, 512K for CYNSE10128
10
31 (in single-search mode, 8 in
multisearch mode)
6N x 72
N/2 x 144
N/4 x 288
N/8 x 576
N = 7936K for CYNSE10512, 3968K for
CYNSE10256, 1984K for CYNSE10128
11
Reserved
Reserved
Reserved
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com