Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 55 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 55 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 51Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 52Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 53Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 54Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 55Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 56Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 57Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 58Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 59Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 55 of 153
Figure 6-4 illustrates the timing diagram for the burst Write to the data or mask array.
Burst Write operation sequence:
• Cycle 1A: The host ASIC applies the Write instruction to CMD[1:0] (CMD[2] = 1) using CMDV = 1, and the address supplied
on the DQ bus. The host ASIC also supplies the GMR index to mask the Write to the data or mask array locations in {CMD[10],
CMD[5:3]}. The host ASIC sets CMD[9] to 0 for the normal Write.
• Cycle 1B: The host ASIC continues to apply the Write instruction on CMD[1:0] (CMD[2] = 1) using CMDV = 1, and the address
supplied on the DQ bus. The host ASIC continues to supply the GMR index to mask the Write to the data or mask array
locations in {CMD[10], CMD[5:3]}. The host ASIC selects the device for which ID[4:0] matches the DQ[25:21] lines. It selects
all devices when DQ[25:21] = 11111.
• Cycle 2: The host ASIC drives the DQ[71:0] with the data to be written to the data or mask array location of the selected device.
The Ayama 10000 device writes the data from the DQ[71:0] bus only to the subfield with the corresponding mask bit set to 1
in the GMR that is specified by the index {CMD[10],CMD[5:3]} supplied in cycle 1.
• Cycles 3 to n + 1: The host ASIC drives the DQ[71:0] with the data to be written to the next data or mask array location of the
selected device (addressed by the auto-increment ADR field of the WBURREG register).
The Ayama 10000 device writes the data on the DQ[71:0] bus only to the subfield that has the corresponding mask bit set to 1
in the GMR specified by the index supplied in cycle 1 {CMD[10],CMD[5:3]}. The Ayama 10000 device drives the EOT signal LOW
from cycle 3 to cycle n; the Ayama 10000 device drives the EOT signal HIGH in cycle n + 1 (n is specified in the BLEN field of
the WBURREG).
• Cycle n + 2: The Ayama 10000 device drives the EOT signal LOW.
At the termination of cycle n + 2, the Ayama 10000 device floats the EOT signal to a three-state operation and the next instruction
can be issued.
6.4.3
Parallel Write
In order to write the Data or Mask array faster for initialization, testing, or diagnostics, the user can issue a Parallel Write command.
Parallel Write allows the user to specify one address and write multiple locations in the Core with the same data. Parallel Write
only works with Direct addressing. If Indirect addressing is used, the operation will result in No-Operation. Parallel Write can also
be done in burst operation.
In Non-Enhanced Mode, address bits DQ[10:1] specify which location to perform parallel write. DQ[17:11] defines a set of
partitions, all of which write two x72 entries (DQ[0] is ignored). For Ayama 10512, this corresponds to 64 parallel locations (32
8Kx72 partitions, 2 locations per partition).
In Enhanced Mode, address bits DQ[10:0] specify the location within a block. Parallel write only occurs on those blocks which
match the Mini-Key(s) selected by the GMR field. For Ayama 10512, this corresponds to 128 parallel locations (128 blocks, 1
location per block).
1
Data0 Data1 Data2
0
Data3
Write
Address
cycle
2
cycle
3
cycle
4
cycle
5
cycle
6
cycle
CMD[1:0]
DQ
CLK2X
EOT
CMD[10:2]
A
B
PHS_L
CMDV
Figure 6-4. Burst Write of the Data and Mask Arrays (BLEN = 4)
DQ should be
driven to zero in
this cycle
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com