Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 53 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 53 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 49Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 50Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 51Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 52Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 53Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 54Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 55Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 56Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 57Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 53 of 153
Burst Read operation sequence:
• Cycle 1: The host ASIC applies the Read instruction on CMD[1:0] (CMD[2] = 1) using CMDV = 1, and the address supplied
on the DQ bus. The host ASIC selects the Ayama 10000 device where ID[4:0] matches the DQ[25:21] lines. If
DQ[25:21] = 11111, the host ASIC selects the Ayama 10000 device with the LDEV bit set.
• Cycle 2: The host ASIC floats DQ[71:0] to a three-state condition.
• Cycle 3: The host ASIC keeps DQ[71:0] in a three-state condition.
• Cycle 4: The selected device starts to drive the DQ[71:0] bus and drives ACK and EOT from Z to LOW.
• Cycle 5: The selected device drives the Read data from the address location on the DQ[71:0] bus and drives the ACK signal
HIGH.
Cycles 4 and 5 repeat for each additional access until all the accesses specified in the BLEN field of RBURREG are complete.
On the last data transfer, the Ayama 10000 drives the EOT signal HIGH.
Cycle (4 + 2n): The selected device drives the DQ[71:0] to a three-state condition, and drives ACK and EOT signals LOW.
At the termination of cycle (4 + 2n), the selected device floats ACK and EOT to a three-state condition. The burst Read operation
is complete and the next operation can begin.
6.3.3
Read Parity
Data output of the Read Parity command should be ignored. Read Parity is a blocking operation only on the cycles as the normal
Read operation even though the parity status signal (PARERR) is valid TLSZ cycles later. Figure shows an example of the
PARERR update timing diagram with TLSZ set to “10” (two additional cycles of latency) to a total of eight cycles (six Read cycles
plus two TLSZ cycles).
6.4
Write Command
The Write command can be issued to write to the data array, mask array, NSE-associated SRAMs or internal registers. The Write
can be a single or burst Write (Table 6-3). Burst Write can only be issued for accesses to the data or mask array locations. SRAM
Write operation is covered in Section 6.7.4 to Section 6.7.6. The Write command is also used to issue the Parallel Write command.
Note that when Parity feature is enabled masks will be ignored and all bits will be written as presented in the DQ bus.
CMDV
CMD[1:0]
ACK
EOT
DQ
0
0
Data1
cycle
1
cycle
2
cycle
3
cycle
4
cycle
5
cycle
6
cycle
7
cycle
8
cycle
9
cycle
10
cycle
11
cycle
12
Data0
Data2
0
Data3
0
PHS_L
CMD[10:2]
Address
A B
Read
CLK2X
Figure 6-2. Burst Read of the Data and Mask Arrays (BLEN = 4)
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com