Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 52 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 52 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 48Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 49Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 50Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 51Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 52Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 53Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 54Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 55Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 56Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 52 of 153
6.3.1
Single Read
A single Read operation lasts six cycles (CLK1X) with the data driven out by the NSE on cycle 5 as illustrated in Figure 6-1.
Read operation sequence:
• Cycle 1: The host ASIC applies the Read instruction on CMD[1:0] (CMD[2] = 0) using CMDV = 1, and the DQ bus supplies
the address. The host ASIC selects the Ayama 10000 device for which ID[4:0] matches the DQ[25:21] lines. If DQ[25:21] =
11111, the host ASIC selects the Ayama 10000 with the LDEV bit set. The host ASIC also supplies SADR[25:23] for
CYNSE10512, SADR[24:22] for CYNSE10256, SADR[23:21] for CYNSE10128 on CMD[8:6] in cycle A of the Read instruction
if the Read is directed to the external SRAM.
• Cycle 2: The host ASIC floats DQ[71:0] to a three-state condition.
• Cycle 3: The host ASIC keeps DQ[71:0] in a three-state condition.
• Cycle 4: The selected device starts to drive the DQ[71:0] bus and drives the ACK signal from Z to LOW.
• Cycle 5: The selected device drives the Read data from the addressed location on the DQ[71:0] bus, and drives the ACK
signal HIGH.
• Cycle 6: The selected device floats the DQ[71:0] to a three-state condition and drives the ACK signal LOW.
At the termination of cycle 6, the selected device releases the ACK line to a three-state condition. The Read instruction is complete
and the next operation can begin.
6.3.2
Burst Read
The burst Read operation lasts 4 + 2n CLK1X cycles, where n is the number of the burst length as specified by the BLEN field
of the RBURREG. The BLEN field is automatically decremented after each Read of the burst, so the register must be reinitialized
before another burst Read is issued. Instead of the address provided by the user, the address in the INDEX field of the RBURREG
is used and incremented each cycle.
Figure 6-2 illustrates the timing diagram for the burst Read of the data or mask array.
cycle
cycle
cycle
cycle
cycle
cycle
Read
Address
0Data
1
2
345
6
CLK2X
CMDV
CMD[1:0]
ACK
DQ
CMD[10:2]
A
B
PHS_L
Figure 6-1. Single-Location Read Cycle Timing
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com