Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 51 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 51 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 47Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 48Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 49Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 50Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 51Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 52Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 53Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 54Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 55Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 51 of 153
6.2.2
Enhanced Mode (EMODE = 1) with MultiSearch Disabled (MSE = 0)
6.2.3
Enhanced Mode (EMODE = 1) with MultiSearch Enabled (MSE = 1)
6.3
Read Command
In both the Non-Enhanced and Enhanced mode, the Read command can be issued to read data from the data array, mask array,
NSE-associated SRAMs or internal registers. The Read can be a single or burst Read (Table 6-2). Burst Read can only be issued
for accesses to the data or mask array locations. SRAM Read operation is covered in Section 6.7.1 to Section 6.7.3. In the
Enhanced mode, the Read command is also used to issue the Read Parity command, which is issued to perform parity check
on the data and mask array entries.
Read is a blocking operation and must be completed before the next operation can be issued.
Table 6-2. Single/Burst Read Command Parameters
CMD Parameter
CMD[2]
Read Command
Description
0
Single Read
Reads a single location of the data array, mask array, NSE-associated SRAM or internal
registers. All access information is applied on the DQ bus.
1
Burst Read
Reads a block of locations from the data or mask array as a burst. RBURREG specifies
the starting address and the length of the data transfer from the data or mask array; it
also auto-increments the address for each access. All other access information is
applied on the DQ bus.
Cm d
Cycle
10
9
876
5
4
3
2
1 0
A
B
A
B
0=x72
0=x72 or x144
1=x144
1=x288/x576 (all except
last cycle)
X=x288/x576
0=x288/x576 (last cycle)
B
XX
READ
XX
EADR[2:0][14]
00 0
0
0 = Single
1 = Burst
WRITE
GMR[3]
EADR[2:0][14]
GMR[2:0]
0=Normal
1=Parallel
11
SEARCH
A
GMR[3]
EADR[2:0][14]
0=CMPR
1=DQ
0=Data
1=Mask
LEARN
CMPR[3:0]
01
0
GMR[2:0]
10
0 = Single
1 = Burst
CMPR[3:0]
SSR[2:0]
0
A
00
B
EADR[2:0][14]
00: x72; 01: x144; 1X:x288/x576
(all except last cycle);
0X:x288/x576 (last cycle)
Cm d
Cycle
10
9
8
7
6
5 4 3
2
1 0
A
0
B
A
0
B
0=x72
0=x72 or x144
1=x144
1=x288/x576 (all except
last cycles)
X=x288/x576
0=x288/x576 (last cycle)
B
XX
EADR[1:0][14]
EADR[1:0][14]
EADR[1:0][14]
EADR[1:0][14]
SSR[2:0]
0=Single-Search
1=Multi-Search
1
B
00
0
0
00: x72; 01: x144; 1X:x288/x576
(all except last cycle);
0X:x288/x576 (last cycle)
0=Data
1=Mask
0=CMPR
1=DQ
LEARN
A
CMPR[3:0]
1
1
0
SEARCH
A
GMR[3]
GMR[2:0]
10
WRITE
CMPR[3:0]
GMR[3]
GMR[2:0]
00
0
0 = Single
1 = Burst
0 = Single
1 = Burst
0=Normal
1=Parallel
0
0
READ
XX
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com