Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 46Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 47Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 48Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 49Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 50Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 51Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 52Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 53Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 54Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 50 of 153
6.0
Operations and Timing Diagrams
A master device, such as an ASIC controller, issues commands to the Ayama 10000 device using the CMD bus and CMDV
signals. The following subsections describe the operation of these commands.
6.1
Command Encoding
The Ayama 10000 device implements four basic commands, as shown in Table 6-1. The Search command is a non-blocking
operation which allows another operation to be issued immediately on the following cycle. Read, Write and Learn are blocking
operations. There are also other derivative commands that the device supports. The operation of basic commands as well as the
derivative commands are explained in more detail in the following sections.
The command code must be presented to CMD[1:0] while keeping the CMDV signal HIGH for two CLK2X cycles (cycles A and
B) when the CLK_MODE pin is LOW. In CLK2X mode, the controller ASIC must align the instructions using the PHS_L signal.
The command code must be presented to CMD[1:0] while keeping the CMDV signal HIGH for one CLK1X cycle when the
CLK_MODE pin is HIGH. In CLK1X mode, cycle A ends on the falling edge of CLK1X and cycle B ends on the rising edge of
CLK1X. Valid data must be present at the edge ending any given cycle for valid inputs. The CMD[10:2] field passes command
parameters in cycles A and B. All commands must begin with cycle A operations.
6.2
Command Bus Parameters
Table 6.2.1, Table 6.2.2 and Table 6.2.3 list the command bus fields that contain the Ayama 10000 command parameters and
their respective cycles.
6.2.1
Non-Enhanced Mode (EMODE = 0)
Note:
14. The NSE density determines to which SADR field EADR[2:0] is mapped. In Ayama10128, SADR[23:21] gets EADR[2:0]; In Ayama10256, SADR[24:22] gets
EADR[2:0]; In Ayama10512, SADR[25:23] gets EADR[2:0].
Table 6-1. Command Codes
Command Code
(binary)
Command
Description
00
Read
Reads from one of the following: data array, mask array, device registers, or external SRAM.
Read command is also used to issue Read Parity command.
01
Write
Writes to one of the following: data array, mask array, device registers, or external SRAM.
10
Search
Searches the data array for a desired pattern using the specified register from the GMR
array and local mask associated with each data cell.
11
Learn
The device has internal storage for up to sixteen comparands that it can learn. The device
controller can insert these entries at the next-free address (as specified by the NFA register)
using the Learn instruction.
Cm d
Cycle
10
9
8
7
6
5 4 3
2
1 0
A
0 = Single
B
1 = Burst
A
0=Normal
0 = Single
B
1=Parallel
1 = Burst
0=x72
0=x72 or x144
1=x144
1=x288 (first cycle)
X=x288
0=x288 (last cycle)
B
XX
A
0=x72
1=x144
LEARN
SEARCH
WRITE
READ
11
10
A
CMPR[3:0]
CMPR[3:0]
SSR[2:0]
EADR[2:0][14]
0
XX
B
GMR[3]
GMR[2:0]
EADR[2:0][14]
GMR[3]
EADR[2:0][14]
0
1
0
GMR[2:0]
EADR[2:0][14]
0
0
X
X
00
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com