Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 45Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 46Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 47Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 48Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 49Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 50Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 51Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 52Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 49 of 153
On an Indirect Write operation, if the CHIPID field matches the current device, this device will perform the write request. If the
CHIPID field does not match, the device will not respond. If the CHIPID is set to broadcast, different actions occur based upon
the target. If the target is an internal register, the write request is ignored. If the target is a Data or Mask array, the device with the
VAL field of the SSR register set performs the write request. If the target is external SRAM, the device with the LRAM field set
will drive the SRAM signals.
5.12
Power-up Sequence
Ayama 10000 requires that the power supplies follow a known sequence to ensure successful device power-up to set the device
to its initial state. RST_L should be held Low before the power supplies ramp-up and must be held Low for a duration of time
afterward. Clock signals (CLK1X/CLK2X and PHS_L) should start running after the power supplies become stable. All IO voltages
(VDDQ, which includes VDDQ_ASIC and VDDQ_SRAM) should only ramp up only after the core voltage (VDD) level reaches 90% point.
The following describes the proper power-up sequence required to correctly initialize the Cypress Network Search Engines before
functional access to the device can begin. The following steps are presented in order of priority.
1. Hold RST_L and TRST_L signals low and power up VDD. Then power up VDDQ when VDD is stable. TRST_L can be tied to
RST_L, tied low permanently, or driven asynchronously (more information on resetting JTAG in the JTAG section of the
datasheet).
2. Start running CLK2X/CLK1X and PHS_L (if applicable) after VDDQ powers up.
3. Hold RST_L low for at least 0.5 ms + tRSTL after the clock signal is stable, then drive high.
RST_L should be set High with sufficient hold time with respect to CLK2X. Following steps 1 through 3 will power up the device
gracefully and ensure proper operation of the device. Figure 5-35 illustrates the proper sequences of the power-up operation.
Note: The PLL will lose lock if the CLK2X/CLK1X or PHS_L (if applicable) stop transitioning.
Figure 5-35. Proper Power-up Sequence
VDD
VDDQ
PLL lock time, 0.5 ms
tRSTL
CLK2X
PHS_L
TRST_L/RST_L
TRST_L
asynchronous delay
TRST_L
TRST_L can either be
driven asynchronously,
tied Low permanently, or
tied to RST_L
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com