Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 48 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 48 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 44Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 45Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 46Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 47Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 48Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 49Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 50Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 51Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 52Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 48 of 153
5.11
Device Selection in a Cascaded System
On a Direct Read operation, if the CHIPID field matches the current device’s ID[4:0], this device will respond to the read request.
If the CHIPID field does not match, the device will not respond. Note that if the CHIPID does not match any device in the cascade,
no read acknowledge will be generated. If the CHIPID is set to broadcast (“11111”, binary), the device with the LDEV bit set to 1
will respond to the read request.
On an Indirect Read operation, if the CHIPID field matches the current device’s ID[4:0], this device will respond to the read
request. If the CHIPID field does not match, the device will not respond. Note that if the CHIPID does not match any device in
the cascade, no read acknowledge will be generated. If the CHIPID is set to broadcast (“11111”), each device examines its SSR
register’s VAL and GVAL bits. The device with one of these bits set responds to the read request. If none of these bits are set
(this occurs when a Search has not been done after a reset), no read acknowledge will be returned.
On a Direct Write operation, if the CHIPID field matches the current device’s ID[4:0], this device will perform the write request. If
the CHIPID field does not match, the device will not respond. If the CHIPID is set to broadcast, all devices write to the desired
location.
FULO[0]
65
4
3
2
1
0
FULI
FULO[0]
65
4
3
2
1
0
FULI
FULO[1]
65
4
3
2
1
0
FULI
FULO[0]
65
4
3
2
1
0
FULI
FULO[0]
65
4
3
2
1
0
FULI
FULO[0]
65
4
32
1
0
FULI
6
5
4
32
1
0
FULI
65
4
32
1
0
FULO[0]
FULI
FULI
FULI
FULO[1]
FULO[1]
FULO[1]
DQ[71:0]
FULO[1] FULO[0]
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
FULL
FULL
FULL
FULL
FULL
FULL
FULL
FULL
VDDQ
Ayama 10000
Ayama 10000
Ayama 10000
Ayama 10000
Ayama 10000
Ayama 10000
Ayama 10000
Ayama 10000
FULI
FULO[0]
Figure 5-34. FULL Signal Generation in a Cascaded Table
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com