Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 47 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 47 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 43Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 44Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 45Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 46Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 47Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 48Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 49Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 50Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 51Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 47 of 153
5.10.2
Depth Cascading up to 31 Devices in 4 Blocks
Figure 5-33 shows the cascading of up to four blocks. Each block except the last contains up to eight Ayama 10000 devices, and
the interconnection within each with the cascading of up to eight devices in a block was shown in the previous subsection.
Note. The interconnection between blocks for depth cascading is important. For each Search, a block asserts BHO[2], BHO[1],
and BHO[0]. The BHO[2:0] signals for a block are taken only from the last device in that block. For all other devices within that
block, these signals stay open. The host ASIC must program TLSZ to 10 (binary) in each of the devices for cascading up to 31
devices (in up to four blocks).
5.10.3
Depth Cascading for a FULL Signal
Bit[0] of each of the 72-bit entries is designated as a special bit (1 = occupied, 0 = empty). For each Learn or PIO Write to the
data array, each device asserts FULO[1] or FULO[0] depending on whether or not it has any empty locations within it (see
Figure 5-34). Each device combines the FULO signals from the devices above it with its own full status to generate a FULL signal
that gives the full status of the table up to the device asserting the FULL signal. Figure 5-34 shows the hardware connection
diagram for generating the FULL signal that goes back to the ASIC. In a depth-cascaded block of up to eight devices, the FULL
signal from the last device should be fed back to the ASIC controller to indicate the fullness of the table. The FULL signal of the
other devices should be left open. Note. The Learn instruction is supported for only up to eight devices, whereas FULL cascading
is allowed only for one block in tables containing more than eight devices. In tables for which a Learn instruction is not going to
be used, the bit[0] of each 72-bit entry should always be set to 1.
BHO[2]
Block of 8 Ayama 10000s Block 0
BHO[1]
BHO[0]
BHI[2]
BHI[1]
BHI[0]
BHI[2]
Block of 7 Ayama 10000s Block 3
BHI[1]
BHI[0]
GND
BHO[2]
BHO[1]
BHO[0]
BHI[2]
BHI[1]
BHI[0] GND
BHI[2]
BHI[1]
BHI[0] GND
Block of 8 Ayama 10000s Block 1
Block of 8 Ayama 10000s Block 2
DQ[71:0]
SRAM
BHO[2]
BHO[2]
BHO[1]
BHO[1]
BHO[0]
BHO[0]
CMD[10:0], CMDV
SSF, SSV
(devices 0–7)
(devices 8–15)
(devices 16–23)
(devices 24–30)
Figure 5-33. Depth Cascading 4 Blocks
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com