Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 45 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 45 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 41Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 42Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 43Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 44Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 45Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 46Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 47Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 48Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 45 of 153
5.9.2
Addressing the Internal Registers
The following table (Table 5-27) details the parameters expected (in DQ bus) to access the internal registers of the NSE.
Figure 5-31. Internal Register Address Space Encoding
5.10
Depth Cascading
The NSE application can depth-cascade the devices to various table sizes of different widths (72-bit, 144-bit, 288-bit or 576-bit).
The devices perform all the necessary arbitration to decide which device will drive the SRAM bus. Some operations and features
are not cascadable, which means that the operation or feature is on a device-by-device basis and the results are not propagated
to the next device. Table 5-28 lists those operations and features. The following subsections covers the interconnects when the
devices in a cascade operates in the Non-Enhanced mode or Enhanced Mode with MSE set to 0 (MultiSearch disabled). For
device interconnects when operating in Enhanced mode with MultiSearch enabled, please refer to Figure 6-14.
5.10.1
Depth Cascading up to Eight Devices in One Block
Figure 5-32 shows the interconnection of up to eight devices in a cascade to form 2M × 72, 1M × 144, 512K × 288, or 256K x
576 tables. Each NSE asserts the LHO[1] and LHO[0] signals to inform downstream devices of its result. LHI[6:0] signals for a
device are connected to LHO signals of the upstream devices. The host ASIC must program the TLSZ to 01 (binary) for each of
up to eight devices in a block. Only a single device drives the SRAM bus in any single cycle.
Note:
13. Software solutions are possible for these cases. Please refer to specific application notes.
Table 5-27. Internal Register Address Space Encoding
Field
Range
(decimal)
Description
REGSEL
[10:0]
Register Address Selected. This field selects which internal register to address.Table 5-
3 lists the registers that are available.
BLKNUM
[17:11]
Block Number. This field selects the block within the device that will participate in the
operation. It is only used when accessing block specific internal registers (BMR, BPR,
BPAR, BNFA and BPRA0-3). For other internal register accesses, this field must be set to 0.
[18]
Reserved.
RSEL
[20:19]
Register Area Select. This field indicates in what context the access takes place. It must
be set to “11”.
CHIPID
[25:21]
Device ID. This field indicates which NSE device should respond to the READ or WRITE
operation. CHIPID value “11111” indicates a broadcast operation.
[28:26]
Reserved.
INDIRECT
[29]
Indirect Addressing Enable. This bit must be cleared to 0.
[71:30]
Reserved.
Table 5-28. Cascadability of Operations and Features
Operations / # of Devices
Non-Enhanced
Enhanced Mode
with MSE = 0
Enhanced Mode
with MSE = 1
1
2-8
9-31
1
2-8
9-31
1
2-8
9-31
MultiSearch Command
No
No
No
No
No
No
Yes
Yes
No
Learn Command
Yes
Yes
No
Yes
Yes
No[13]
Yes
No[13]
No[13]
Soft Priority
No
No
No
Yes
No[13]
No[13]
Yes
No[13]
No[13]
FULL
Yes
Yes
No
Yes
Yes
No
Yes
No
No
MULTI_HIT
Yes
No
No
Yes
No
No
Yes
No
No
7
15
23
0
39
47
55
31
63
71
REGSEL
CHIPID
BLKNUM
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com