Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 44 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 44 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 40Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 41Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 42Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 43Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 44Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 45Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 46Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 47Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 48Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 44 of 153
5.9.1
Addressing the Data Array, Mask Array and External SRAM
The following table (Table 5-25) lists the parameters for addressing the Data array, Mask array and external SRAM.
The address generation of the SADR bits varies depending on the operation being performed. The following table (Table 5-26)
shows the SRAM address generation for the various operations.
Table 5-26. SRAM Address Generation
Table 5-25. Data Array, Mask Array and External SRAM Address Space Encoding
Field
Range
(decimal)
Description
ADDRESS
[N:0]
Address. This field contains the location of the entry to be accessed on Direct Addressing operations.
N = 17 for CYNSE10512, 16 for CYNSE10256, 15 for CYNSE10128.
Note that on a burst Read or Write operation, the appropriate burst register (WBURADR or RBURADR)
INDEX field is used as the address.
[M]
Reserved. M = 18 for CYNSE10512, [18:17] for CYNSE10256, [18:16] for CYNSE10128.
TARGET
[20:19]
Target Area Select. This field indicates in what context the access takes place. It is encoded as follows:
00: Access the Data array
01: Access the Mask array
10: Access the external SRAM
11: Access the Internal Registers (Refer toSection 5.9.2)
CHIPID
[25:21]
Device ID. This field indicates which NSE device should respond to the READ or WRITE operation.
CHIPID value “11111” indicates a broadcast operation.
SSR
[28:26]
SSR Index. This field selects the SSR for Indirect accesses.
INDIRECT
[29]
Indirect Addressing Enable.
1: Indirect.
When DQ[30] is 0, the selected SSR register INDEX field is used to generate the address as follow:
{SSR[17:3], SSR[2] | DQ[2], SSR[1] | DQ[1], SSR[0] | DQ[0]}.
To issue a Read Parity command, this bit must be set to 1. The address of the entry location to be
checked is taken from the PARITY control register’s ADR field. Note that Read Parity command can
be issued only on a Read command. Issuing an Indirect Write with Bit[30] set to 1 will result in No-
Operation.
0: Direct. DQ[17:0] contains the address for the operation.
PARITY
[30]
Read Parity. This bit must be set to 1 to issue a Read Parity command. It is valid only when DQ[29]
is also set to 1.
[71:31]
Reserved.
Command
SRAM Operation
SADR[M+8:M+6][9]
SADR[M+5:M+1]
SADR[M:0][9,10]
Search
Read
CMD[8:6]
ID[4:0]
Index[M:0]
Learn
Write
CMD[8:6]
ID[4:0]
NFA/SRR[M:0][11]
SRAM PIO Read
Read
CMD[8:6]
ID[4:0]
DQ[M:0]
SRAM PIO Write
Write
CMD[8:6]
ID[4:0]
DQ[M:0]
Indirect Read
Read
CMD[8:6]
ID[4:0]
SSR[M:0] | DQ[2:0][12]
Indirect Write
Write
CMD[8:6]
ID[4:0]
SSR[M:0] | DQ[2:0][12]
Notes:
9.
When MultiSearch feature is enabled, SADR[M+8] is not used and SADR[M] will be 0 to indicate Array0 output or 1 to indicate Array 1 output.
10. M = 17 for CYNSE10512; M = 16 for CYNSE10256; M = 15 for CYNSE10128.
11. Non-Enhanced mode uses NFA register. Enhanced mode uses SRR register.
12. SSR[2:0] is OR-ed with DQ[2:0] to generate the SADR[2:0] values.
7
15
23
0
39
47
55
31
63
71
ADDRESS
CHIPID
N = 15 for CYNSE10128
N = 16 for CYNSE10256
N = 17 for CYNSE10512
Figure 5-30. Data Array, Mask Array and External SRAM Address Space Encoding
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com