Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 43 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 43 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 39Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 40Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 41Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 42Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 43Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 44Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 45Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 46Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 47Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 43 of 153
5.7
Phase-Locked Loop
When the device first powers up, it takes 0.5 milliseconds (ms) after the power supplies are stable to lock the internal PLL. During
this time period, the RST_L must be held LOW for proper power-up. All signals to the device in CLK1X mode are sampled by a
clock that is generated by multiplying CLK1X by two. Since the PLL has a locking range, the device will only work between the
range of frequencies specified in the timing specification wave form section of this data sheet (see Section 10.0, “AC Timing
Parameters, Waveforms and Test Conditions,” on page 138).
5.8
Pipeline Latency
Pipeline latency is used to give enough time for a cascaded system’s arbitration logic to determine the device that will drive the
output of an operation on the SRAM bus. The Ayama 10000 has a default of 4 CLK1X pipeline latencies but more latency can
be added as necessary. The number of additional pipeline stages is set in the TLSZ and HLAT fields of the COMMAND Register.
The number of pipeline stages also controls the maximum operating speed for a single Ayama 10000 NSE. Table 5-24 lists the
additional pipeline stages and the maximum operating speed.
Table 5-24. Pipeline Stages and Maximum Operating Speed.
Internal register for configuration: CMD
5.9
DQ Bus Encoding of Ayama 10000 Address Space
A set of parameters for an operation must be provided in the DQ bus to the NSE along with the command sent in the CMD bus.
This section covers the encoding of the parameters expected in the DQ bus. There are two ways of addressing an entry location
or an internal register within the device: Direct and Indirect. The internal registers can only use Direct addressing while Data array,
Mask array and SRAM access operations can use either Direct or Indirect. Indirect addressing allows the use of the SSR register
INDEX field as the address for a Read, Write and Learn operations. Indirect Read operation on the internal registers will return
undefined values.
TLSZ
Additional CLK1X Cycle Latency
Total Search CLK1X Cycle Latency
Maximum Operating Speed
(CLK1X/CLK2X)
00
0
4
83/166 MHz
01
1
5
100/200 MHz
10
2
6
133/266 MHz
11
Invalid
Invalid
Invalid
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com