Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 42 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 42 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 38Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 39Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 40Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 41Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 42Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 43Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 44Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 45Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 46Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 42 of 153
5.6
Clocks
If the CLK_MODE pin is LOW, Ayama 10000 receives the CLK2X and PHS_L signals. It uses the PHS_L signal to divide CLK2X
and generate an internal clock (CLK[6]), as shown in Figure 5-27. If the CLK_MODE pin is HIGH, Ayama 10000 receives CLK1X
only. Ayama 10000 uses an internal phase-locked loop (PLL) to lock the frequency of CLK1X and generates the internal clock
CLK, as shown in Figure 5-28. Also noted on these figures are cycles A and B. In CLK2X mode, cycle A begins on the rising edge
of CLK2X, when PHS_L is Low, and ends on the next rising edge. Cycle B begins on the rising edge of CLK2X when PHS_L is
High, and ends on the subsequent CLK2X rising edge. For CLK1X mode, the falling edge of CLK1X is considered the end of
cycle A, while the rising edge after that is considered the end of cycle B. Valid data must be available for the NSE at the END of
any cycle. Note. For the purpose of showing timing diagrams, all such diagrams in this document will be shown in CLK2X mode.
For a timing diagram in CLK1X mode, the following substitution can be made (see Figure 5-29).
Notes:
6.
“CLK” is an internal clock signal.
7.
Any reference to “CLK” cycles means one cycle of CLK.
8.
Only supported in Non-Enhanced mode.
CLK2X
PHS_L
CLK[7]
Figure 5-27. Ayama 10000 Clocks (CLK2X and PHS_L)
“Cycle A End”
“Cycle B End”
A
B
Input Data
CLK1X
CLK[7]
Figure 5-28. Ayama 10000 Clocks (CLK1X)
“Cycle A End” “Cycle B End”
AB
Input Data
CLK2X
PHS_L
CLK1X
Use for CLK2X mode
Use for CLK1X mode
Figure 5-29. Ayama 10000 Clocks for All Timing Diagrams
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com