Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 35Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 36Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 37Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 38Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 39Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 40Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 41Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 42Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 39 of 153
5.4.16
Block Parity Register (BPAR)
The BPAR is only accessible when the device is in the Enhanced mode. There is one BPAR for each block in the device. Table 5-
18 shows the BPR fields.
5.4.17
Block NFA Register (BNFA)
The BNFA is only accessible when the device is in the Enhanced mode. There is one BNFA for each block in the device. Table 5-
19 shows the BNFA fields.
Table 5-18. Block Parity Register Description
Field
Range
(decimal)
Initial Value
(binary)
Description
PERR
[3:0]
0000
Parity Error. This field contains the status of a Parity operation. It is set to 1 when any parity
error is detected during the Parity operation on the associated block. Each bit corresponds
to one of the four x72 entries checked during the Parity operation. Bit[0] corresponds to the
lowest address. This field is sticky, i.e., it can only be cleared by a user write to the register.
This field contains only this block’s status. To clear this bit, the user must write a “1” to this
bit location. Writing a “0” will preserve the old value.
[30:4]
Reserved.
EN
[31]
0
Enable Parity Checking. This field enables parity checking for the associated block. When
set to 1, the associated block will participate in Parity operation.
[71:32]
Reserved.
Table 5-19. Block NFA Register Description
Field
Range
(decimal)
Initial Value
(binary)
Description
NFA3
[8:0]
0
Next-free Address for Sub-block #3. This field contains the address/index of the next-
free entry within the sub-block of the block associated with this register. If the entry size is
larger than x72, the least significant bits will be set to 0 as follows:
x144: NFAx[0] = ‘0’,
x288: NFAx[1:0] = “00”,
x576: NFAx[2:0] = “000”.
[13:9]
Reserved.
MULTI3
[14]
1
Multiple Free Entries in Sub-block #3. This field contains the multiple free entry status.
If there are multiple free entries in the sub-block, this bit is set to 1.
F3
[15]
0
Free Entry in Sub-block #3. This field indicates the sub-block full status. If this field is set
to 1, the sub-block is full and there are no free entries. If the field is set to 0, the sub-block
is not full and there is a free entry.
NFA2
[24:16]
0
Next-free Address for Sub-block #2. See NFA3 description.
[29:25]
Reserved.
MULTI2
[30]
1
Multi Free Entry in Sub-block #2. See MULTI3 description.
F2
[31]
0
Free Entry in Sub-block #2. See F3 description.
7
15
23
0
39
47
55
31
63
71
Figure 5-24. Block Parity Register
7
15
23
0
39
47
55
31
63
71
NFA3
NFA2
NFA1
NFA0
Figure 5-25. Block NFA Register
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com