Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 34Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 35Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 36Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 37Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 38Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 39Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 40Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 41Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 38 of 153
5.4.15
Block Priority Register (BPR)
The BPR is only accessible when the device is in the Enhanced mode. There is one BPR for each block in the device. For each
Priority in the BPR, there is an alias address (Block Priority Register Address) which allows individual priorities to be updated.
Table 5-17 shows the BPR fields.
Table 5-17. Block Priority Register Description
Field
Range
(decimal)
Initial Value
(binary)
Description
PRIORITY3
[7:0]
0
Soft Priority #3. There are four Priority fields in each BPR. Each Priority represents the
priority of a sub-block located within the block associated with this register. Priority value
of 00 (hex) is highest and FF (hex) is lowest in priority.
The addresses in a block associated with each Soft Priority is as follows:
Entry Index 0 to 511: Priority0
Entry Index 512-1023: Priority1
Entry Index 1024-1535: Priority2
Entry Index 1536-2047: Priority3
PRIORITY2
[15:8]
0
Soft Priority #2. See Soft Priority #3 description.
PRIORITY1
[23:16]
0
Soft Priority #1. See Soft Priority #3 description.
PRIORITY0
[31:24]
0
Soft Priority #0. See Soft Priority #3 description.
[59:32]
Reserved.
V3
[60]
0
V #3. There are four V fields in each BPR. Each field represent the valid bit for a sub-block
within the block associated with this register. If this bit is set to 1 and the Soft Priority in
the CPR selected by the operation matches, the associated sub-block will participate in
the operation. If this bit is set to 0, the associated sub-block will not participate in a Search
operation.
V2
[61]
0
V #2. See V #3 description.
V1
[62]
0
V #1. See V #3 description.
V0
[63]
0
V #0. See V #3 description.
[71:64]
Reserved.
7
15
23
0
39
47
55
31
63
71
PRIORITY3
PRIORITY2
PRIORITY1
PRIORITY0
Figure 5-23. Block Priority Register
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com