Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 36 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 36 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 32Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 33Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 34Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 35Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 36Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 37Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 38Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 39Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 40Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 36 of 153
5.4.13
Search Result Register (SRR[15:0])
The SRR register is only active when the device is in the Enhanced mode. It contains status information about where the next-
free entry is and what kind of entry it is. There are sixteen SRRs; one SRR associated with one CMPR. The SSR is updated on
a Search operation regardless of hit or miss. Two SRRs are used in one Search operation when MSE is set. The second SRR
is automatically selected to be the register one index higher. Table 5-14 below details the SRR fields.
Table 5-15 below shows the different parts of the INDEX field of the SRR.
Table 5-14. Search Result Register
Field
Index
(decimal)
Initial Value
(binary)
Description
INDEX
[N:0]
0
Index. This field contains the Hit or Miss index inside the Core. N = 17 for
CYNSE10512, 16 for CYNSE10256, 15 for CYNSE10128.
[23:M]
Reserved. M = 18 for CYNSE10512, 17 for CYNSE10256, 16 for CYNSE10128.
Mini-Key
[31:24]
0
Mini-Key. This field contains a copy of the Mini-Key value selected for the Search
operation. The value comes from the selected CPR.
PRIORITY
[39:32]
0
Soft Priority. This field holds the priority value of the sub-block where a successful
search occurs. Otherwise it holds the priority of the next-free entry sub-block. If there
are no free entries, this field is set to the selected CPR’s Soft Priority value. This
field is not valid when STATUS value is Taken.
STATUS
[43:40]
0
Next-free Entry Status. This field contains the status information for the next-free
entry.
The STATUS value is encoded as described below:
0000: Single match. Search hit and there is a single match.
0010: Single free entry. Search miss and there is a single free entry.
0100: Single free sub-block. Search miss and there is a single free sub-block.
0110: Single free block. Search miss and there is a single free block.
0001: Multiple matches. Search hit and there are multiple matches.
0011: Multiple free entries. Search miss and there are multiple free entries
0101: Multiple free sub-blocks. Search miss and there are multiple free sub-blocks.
0111: Multiple free blocks. Search miss and there are multiple free blocks.
1000: Taken. Search miss and there are no free entries.
[62:44]
Reserved.
FLG
[63]
0
Flag. When set to 1, this flag indicates that a Search operation resulted in a miss,
this device has a free entry and the upstream devices in a cascade have a Search
miss with no free entries reported. Note that a device with no free entries can still
have free blocks or sub-blocks.
[71:64]
Reserved.
Table 5-15. SRR’s INDEX Composition Based on STATUS
STATUS
INDEX[17:11]
INDEX[10:9]
INDEX[8:0]
Hit
Block ID
Sub-block ID
Hit Entry Index
Free Entry
Block ID
Sub-block ID
Free Entry Index
Free Sub-block
Block ID
Sub-block ID
All zeros
Free Block
Block ID
All zeros
All zeros
Taken
Undefined
Undefined
Undefined
7
15
23
0
39
47
55
31
63
71
Mini-Key
PRIORITY
INDEX
Figure 5-21. Search Result Register
N = 15 for CYNSE10128
N = 16 for CYNSE10256
N = 17 for CYNSE10512
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
   Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com