Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYNSE10512 Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # CYNSE10512
Description  Ayama??10000 Network Search Engine
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYNSE10512 Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button CYNSE10512 Datasheet HTML 30Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 31Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 32Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 33Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 34Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 35Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 36Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 37Page - Cypress Semiconductor CYNSE10512 Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 153 page
background image
CONFIDENTIAL
PRELIMINARY
CYNSE10512
CYNSE10256
CYNSE10128
Document #: 38-02069 Rev. *F
Page 34 of 153
5.4.11
Parity Control Register (PARITY)
Table 5-12 describes the Parity Control Register fields. This register is only active when the device is in the Enhanced mode.
Table 5-12. Parity Control Register Description
Field
Range
(decimal)
Initial Value
(binary)
Description
INDEX
[18, N:0]
0
Index. This field contains the highest priority parity error index. When a parity error is
detected, the global priority encoder selects the highest priority parity error out of the entire
Core.
Note that if another Parity operation is performed, this field is updated based upon that
operation.
N = 17 for CYNSE10512, 16 for CYNSE10256 (bit [17] is reserved), 15 for CYNSE10128
(bits [17:16] are reserved). Bit[18] is used to indicate whether a mask (=1) or data (=0) entry
contained the error.
[27:19]
Reserved.
BMULTI
[28]
0
Multi DQ Parity Error Status Bit. This field is set to 1 when multiple errors were detected
during a bus transfer. It is also set to 1 when new parity error occurs and BERR is set. This
bit can only be cleared by a user Write.
BERR
[29]
0
DQ Parity Error Status Bit. This bit is set when a parity error is detected during a data
transfer across the DQ bus. This bit can only be cleared by a user Write.
MULTI
[30]
0
Multi-Parity Error Status Bit. This bit is set when more than one parity error in the Core is
detected during the Parity operation. It also updates when a new parity error occurs and ERR
is set. This bit can only be cleared by a user Write.
ERR
[31]
0
Parity Error Status Bit. This bit is set when any parity error in the Core is detected during
the Parity operation. This bit can only be cleared by a user Write.
ADR
[50, M:32]
0
Current Address. After a parity check, the address in this field is incremented and is ready
for the next address to check for parity. When the Parity operation finishes and an error is
detected, assuming no intervening new Parity operations, this field will point to the next entry
address to be checked. Bit[50] selects between mask (=1) or data (=0) array. As the address
is incremented, this bit is treated as the LSB and toggles before Bit[34]. Bit[33:32] are always
0 because Read Parity operation checks 4 adjacent 72-bit entries. M = 49 for CYNSE10512,
48 for CYNSE10256 (bit [49] is reserved), 47 for CYNSE10128 (bits [49:48] are reserved).
[71:51]
Reserved.
7
15
23
0
39
47
55
31
63
71
INDEX
ADR
Figure 5-18. Parity Control Register
N = 15 for CYNSE10128
N = 16 for CYNSE10256
N = 17 for CYNSE10512
[+] Feedback
[+] Feedback


Similar Part No. - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGC CYPRESS-CYNSE70032-66BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-66BGI CYPRESS-CYNSE70032-66BGI Datasheet
3Mb / 126P
Network Search Engine
CYNSE70032-83BGC CYPRESS-CYNSE70032-83BGC Datasheet
3Mb / 126P
Network Search Engine
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
Search Engine
05/08/03
More results

Similar Description - CYNSE10512

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
Network Search Engine
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com