Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7164 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE7164
Description  Double−Balanced Mixer & Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7164 Datasheet(HTML) 2 Page - NTE Electronics

  NTE7164 Datasheet HTML 1Page - NTE Electronics NTE7164 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C, VCC = 6V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Noise Figure at 45MHz
5.0
6.0
dB
Third−Order Intercept Point
RFIN = −45dBm: f1 = 45.0, f2 = 45.06
−15
−17
dBm
Conversion Gain at 45MHz
14
18
dB
RF Input Resistance
RIN
1.5
kΩ
RF Input Capacitance
CIN
3.0
3.5
pF
Mixer Output Resistance
Pin4 or Pin5
1.5
kΩ
VCC
Pin Connection Diagram
Oscillator
Output A
GND
Input B
Oscillator
1
2
3
4
Input A
8
7
6
5 Output B
14
.280 (7.1)
.400 (10.16)
Max
85
.200
(5.08)
.125 (3.17) Min
.300 (7.62)
.100 (2.54)


Similar Part No. - NTE7164

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7160 NTE-NTE7160 Datasheet
30Kb / 2P
Integrated Circuit Video Switch
NTE7162 NTE-NTE7162 Datasheet
47Kb / 4P
Integrated Circuit DC−Coupled Vertical Deflection and East−West Output Circuit
NTE7163 NTE-NTE7163 Datasheet
43Kb / 3P
Intergrated Circut 4 x 40W Quad Bridge Car Radio Amplifier
NTE7165 NTE-NTE7165 Datasheet
31Kb / 3P
DMOS Audio Amplifier, 100W, for Self -Powered Loudspeakers
NTE7166 NTE-NTE7166 Datasheet
30Kb / 3P
Integrated Circuit Flyback Switching Regulator
More results

Similar Description - NTE7164

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602A PHILIPS-SA602A Datasheet
109Kb / 11P
Double-balanced mixer and oscillator
1997 Nov 07
SA612A PHILIPS-SA612A Datasheet
110Kb / 12P
Double-balanced mixer and oscillator
1997 Nov 07
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
DOUBLE-BALANCED MIXER
logo
NXP Semiconductors
NE602A PHILIPS-NE602A Datasheet
379Kb / 8P
DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
logo
NXP Semiconductors
NE612A PHILIPS-NE612A_1 Datasheet
163Kb / 8P
Double-balanced mixer and oscillator
1990 Sep 17
SA612A PHILIPS-SA612A_15 Datasheet
1Mb / 19P
Double-balanced mixer and oscillator
Rev. 3-4 June 2014
SA602A PHILIPS-SA602A_15 Datasheet
1Mb / 19P
Double-balanced mixer and oscillator
Rev. 3-27 May 2014
SA602A NXP-SA602A Datasheet
1Mb / 19P
Double-balanced mixer and oscillator
Rev. 3-27 May 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com