Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSD070TN84 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # OSD070TN84
Description  310 Genius Drive
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OSD070TN84 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button OSD070TN84 Datasheet HTML 4Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 5Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 6Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 7Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 8Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 9Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 10Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 11Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
PAGE:
5/24
3.2. Electrical Absolute Maximum Ratings
(GND=AVSS=0V, Note 2)
Values
Item
Symbol
Min.
Max.
Unit
Remark
Power voltage
VCC
-0.3
6.0
V
Input signal voltage
Vi
-0.3
6.3
V
Note 1
LED Reverse Voltage
VR
-
1.2
V
each LED
LED Forward Current
IF
-
25
mA
each
LED
Note 1: DCLK, DE, HS, VS, R0~R5, G0~G5, B0~B5.
Note 2: The absolute maximum rating values of the module should not be exceeded.
Once exceeded absolute maximum rating values, the characteristics of the
module may not be recovered. Even in an extreme condition, may result in
module permanently destroyed.
Note 3: VR Conditions: Zener Diode 20mA.
3.2.1.
Typical Operation Conditions
(GND=AVSS=0V)
Values
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
VCC
3.1
3.3
3.5
V
Note 1
Power voltage
VLED
4.8
5.0
5.2
V
Note 1
Icc
-
300
350
mA
Current consumption
IL
-
180
-
mA
Input logic high voltage
VIH
0.7VCC
-
VCC
V
Input logic low voltage
VIL
0
-
0.3VCC
V
Note 2
Note 1: VCC setting should match the signals output voltage (refer to Note 2) of customer’s
system board.
Note 2: DCLK,DE,HS,VS,R0~ R5,,G0~ G5,B0~ B5.


Similar Part No. - OSD070TN84

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OSD056TN52 ETC2-OSD056TN52 Datasheet
1Mb / 22P
LCD MODULE SPECIFICATION
More results

Similar Description - OSD070TN84

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ATV61EXS5C31N SCHNEIDER-ATV61EXS5C31N Datasheet
129Kb / 8P
enclosed variable speed drive ATV61 Plus - 310 kW - 500V - IP54 SA
ATV61EXS5C31Y SCHNEIDER-ATV61EXS5C31Y Datasheet
129Kb / 8P
enclosed variable speed drive ATV61 Plus - 310 kW - 690V - IP54 SA
logo
TRIAD MAGNETICS
VPP16-310 TRIAD-VPP16-310 Datasheet
45Kb / 1P
VPP16-310
logo
Varitronix internationa...
VIM-310 VARITRONIX-VIM-310 Datasheet
28Kb / 1P
VIM-310
logo
List of Unclassifed Man...
PAK-I ETC1-PAK-I Datasheet
140Kb / 28P
310 Ivy Glen Court
logo
WILLAS ELECTRONIC CORP
2N7002ELT1 WILLAS-2N7002ELT1 Datasheet
324Kb / 4P
310 mAmps, 60 Volts
logo
List of Unclassifed Man...
PAK-VI ETC1-PAK-VI Datasheet
74Kb / 16P
310 Ivy Glen Court
PAK-VA ETC1-PAK-VA Datasheet
56Kb / 12P
310 Ivy Glen Court
PAK-II ETC1-PAK-II Datasheet
144Kb / 28P
310 Ivy Glen Court
logo
Adels-Contact
165263 ADELS-165263 Datasheet
127Kb / 3P
AC 166 GBUF/310 black
12/11/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com