Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSD070TN84 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # OSD070TN84
Description  310 Genius Drive
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OSD070TN84 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button OSD070TN84 Datasheet HTML 18Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 19Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 20Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 21Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 22Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 23Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 24Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 25Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
PAGE:
19/24
6. Reliability Test Items
(Note 3)
Item
Test Conditions
Remark
High Temperature Storage
Ta = 80
240 hrs
Note 1,Note 4
Low Temperature Storage
Ta = -30
240hrs
Note 1,Note 4
High Temperature Operation
Ts = 70
240hrs
Note 2,Note 4
Low Temperature Operation
Ta = -20
240hrs
Note 1,Note 4
Operate at High Temperature
and Humidity
+40
, 90%RH
240 hrs
Note 5
Thermal Shock
-30
/30 min ~ +8
0
/30 min for a total 100
cycles, Start with cold temperature and end
with high temperature
Vibration Test
Frequency range:10~55Hz
Stroke:1.5mm
Sweep:10Hz~55Hz~10Hz
2 hours for each direction of X. Y. Z.
(6 hours for total)
Mechanical Shock
100G 6ms,±X, ±Y, ±Z 3 times for each
direction
Package Vibration Test
Random Vibration :
0.015G*G/Hz from 5-200HZ, -6dB/Octave
from 200-500HZ
2 hours for each direction of X. Y. Z.
(6 hours for total)
Package Drop Test
Height:60 cm
1 corner, 3 edges, 6 surfaces
Electro Static Discharge
Human Body Mode, Contact 7KV,
100PF/1500Ω
Human Body Mode, Air
15KV,
150PF/330Ω


Similar Part No. - OSD070TN84

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OSD056TN52 ETC2-OSD056TN52 Datasheet
1Mb / 22P
LCD MODULE SPECIFICATION
More results

Similar Description - OSD070TN84

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAK-I ETC1-PAK-I Datasheet
140Kb / 28P
310 Ivy Glen Court
PAK-II ETC1-PAK-II Datasheet
144Kb / 28P
310 Ivy Glen Court
PAK-VA ETC1-PAK-VA Datasheet
56Kb / 12P
310 Ivy Glen Court
PAK-VI ETC1-PAK-VI Datasheet
74Kb / 16P
310 Ivy Glen Court
logo
TRIAD MAGNETICS
VPP16-310 TRIAD-VPP16-310 Datasheet
45Kb / 1P
VPP16-310
logo
WILLAS ELECTRONIC CORP
2N7002ELT1 WILLAS-2N7002ELT1 Datasheet
324Kb / 4P
310 mAmps, 60 Volts
logo
Varitronix internationa...
VIM-310 VARITRONIX-VIM-310 Datasheet
28Kb / 1P
VIM-310
logo
Adels-Contact
165263 ADELS-165263 Datasheet
127Kb / 3P
AC 166 GBUF/310 black
12/11/2019
logo
Schneider Electric
ATV61EXS5C31N SCHNEIDER-ATV61EXS5C31N Datasheet
129Kb / 8P
enclosed variable speed drive ATV61 Plus - 310 kW - 500V - IP54 SA
ATV61EXS5C31Y SCHNEIDER-ATV61EXS5C31Y Datasheet
129Kb / 8P
enclosed variable speed drive ATV61 Plus - 310 kW - 690V - IP54 SA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com