Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSD070TN84 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # OSD070TN84
Description  310 Genius Drive
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OSD070TN84 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button OSD070TN84 Datasheet HTML 15Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 16Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 17Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 18Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 19Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 20Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 21Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 22Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
PAGE:
16/24
Note 1: Definition of viewing angle range
Fig. 4-1 Definition of viewing angle
Note 2: Definition of optical measurement system.
The optical characteristics should be measured in dark room. After 30 minutes
operation, the optical properties are measured at the center point of the LCD screen.
(Response time is measured by Photo detector TOPCON BM-7, other items are
measured by BM-5A/Field of view: 1° /Height: 500mm.)
Fig. 4-2 Optical measurement system setup
Normal line
θ=Φ=0°
Φ=90°
12 o’clock direction
Φ=270°
6 o’clock direction
Φ=0°
Φ=180°
Active Area
θL
θT
θB
θR
Normal line
θ=Φ=0°
Photo detector
Φ=90°
12 o’clock direction
500mm
LCM +Touch Screen
Φ=0°
Φ=180°
Φ=270°
6 o’clock direction
LCM +Touch Screen


Similar Part No. - OSD070TN84

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OSD056TN52 ETC2-OSD056TN52 Datasheet
1Mb / 22P
LCD MODULE SPECIFICATION
More results

Similar Description - OSD070TN84

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAK-I ETC1-PAK-I Datasheet
140Kb / 28P
310 Ivy Glen Court
PAK-II ETC1-PAK-II Datasheet
144Kb / 28P
310 Ivy Glen Court
PAK-VA ETC1-PAK-VA Datasheet
56Kb / 12P
310 Ivy Glen Court
PAK-VI ETC1-PAK-VI Datasheet
74Kb / 16P
310 Ivy Glen Court
logo
TRIAD MAGNETICS
VPP16-310 TRIAD-VPP16-310 Datasheet
45Kb / 1P
VPP16-310
logo
WILLAS ELECTRONIC CORP
2N7002ELT1 WILLAS-2N7002ELT1 Datasheet
324Kb / 4P
310 mAmps, 60 Volts
logo
Varitronix internationa...
VIM-310 VARITRONIX-VIM-310 Datasheet
28Kb / 1P
VIM-310
logo
Adels-Contact
165263 ADELS-165263 Datasheet
127Kb / 3P
AC 166 GBUF/310 black
12/11/2019
logo
Schneider Electric
ATV61EXS5C31N SCHNEIDER-ATV61EXS5C31N Datasheet
129Kb / 8P
enclosed variable speed drive ATV61 Plus - 310 kW - 500V - IP54 SA
ATV61EXS5C31Y SCHNEIDER-ATV61EXS5C31Y Datasheet
129Kb / 8P
enclosed variable speed drive ATV61 Plus - 310 kW - 690V - IP54 SA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com