Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSD070TN84 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # OSD070TN84
Description  310 Genius Drive
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OSD070TN84 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button OSD070TN84 Datasheet HTML 14Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 15Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 16Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 17Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 18Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 19Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 20Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 21Page - List of Unclassifed Manufacturers OSD070TN84 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
PAGE:
15/24
5. Optical Specifications
Values
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Remark
θL
Φ=180°(9 o’clock)
60
70
-
θR
Φ=0°(3 o’clock)
60
70
-
θT
Φ=90°(12 o’clock)
40
50
-
Viewing angle
(CR≥ 10)
θB
Φ=270°(6 o’clock)
60
70
-
degree
Note 1
TON
-
10
20
msec
Note 3
Response time
TOFF
-
15
30
msec
Note 3
Contrast ratio
CR
400
500
-
-
Note 4
WX
(0.26)
(0.31)
(0.36)
-
Color chromaticity
WY
(0.28)
(0.33)
(0.38)
Note 2
Note 5
Note 6
(Without
Touch Panel)
L1
(250)
(300)
-
Note 6
(With
Touch Panel)
Luminance
L2
(350)
(400)
-
Note 6
(Without
Touch Panel)
Luminance
uniformity
YU
Normal
θ=Φ=0°
70
75
-
%
Note 7
Test Conditions:
1. VCC=3.3V, IL=180mA (Backlight current), the ambient temperature is 25 .
2. The test systems refer to Note 2.


Similar Part No. - OSD070TN84

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OSD056TN52 ETC2-OSD056TN52 Datasheet
1Mb / 22P
LCD MODULE SPECIFICATION
More results

Similar Description - OSD070TN84

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAK-I ETC1-PAK-I Datasheet
140Kb / 28P
310 Ivy Glen Court
PAK-II ETC1-PAK-II Datasheet
144Kb / 28P
310 Ivy Glen Court
PAK-VA ETC1-PAK-VA Datasheet
56Kb / 12P
310 Ivy Glen Court
PAK-VI ETC1-PAK-VI Datasheet
74Kb / 16P
310 Ivy Glen Court
logo
TRIAD MAGNETICS
VPP16-310 TRIAD-VPP16-310 Datasheet
45Kb / 1P
VPP16-310
logo
WILLAS ELECTRONIC CORP
2N7002ELT1 WILLAS-2N7002ELT1 Datasheet
324Kb / 4P
310 mAmps, 60 Volts
logo
Varitronix internationa...
VIM-310 VARITRONIX-VIM-310 Datasheet
28Kb / 1P
VIM-310
logo
Adels-Contact
165263 ADELS-165263 Datasheet
127Kb / 3P
AC 166 GBUF/310 black
12/11/2019
logo
Schneider Electric
ATV61EXS5C31N SCHNEIDER-ATV61EXS5C31N Datasheet
129Kb / 8P
enclosed variable speed drive ATV61 Plus - 310 kW - 500V - IP54 SA
ATV61EXS5C31Y SCHNEIDER-ATV61EXS5C31Y Datasheet
129Kb / 8P
enclosed variable speed drive ATV61 Plus - 310 kW - 690V - IP54 SA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com