Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C9520A Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CY8C9520A
Description  20-, 40-, and 60-Bit IO Expander with EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C9520A Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CY8C9520A Datasheet HTML 10Page - Cypress Semiconductor CY8C9520A Datasheet HTML 11Page - Cypress Semiconductor CY8C9520A Datasheet HTML 12Page - Cypress Semiconductor CY8C9520A Datasheet HTML 13Page - Cypress Semiconductor CY8C9520A Datasheet HTML 14Page - Cypress Semiconductor CY8C9520A Datasheet HTML 15Page - Cypress Semiconductor CY8C9520A Datasheet HTML 16Page - Cypress Semiconductor CY8C9520A Datasheet HTML 17Page - Cypress Semiconductor CY8C9520A Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
CY8C9520A, CY8C9540A
CY8C9560A
Document Number: 38-12036 Rev. *B
Page 14 of 24
Read E2 POR Defaults Cmd (04h)
This command reads the POR settings stored in the EEPROM.
To read POR defaults the user must:
Write command 04h
Read 146 data bytes (see Table 16)
Read 1 CRC byte.
Write Device Config Cmd (05h)
This command sends a new device configuration to the
CY8C95xx. It is followed by 146 data bytes according to
Table 16. The CRC is calculated as the XOR of the 146 data
bytes (00h-91h). If the CRC check fails or an incomplete block is
sent, then the slave responds with a NAK and the device does
not use the data. This gives the user ‘flat-address-space’ access
to all device settings.
To set the current device configuration the user must:
Write command 05h
Write 146 data bytes with new values of registers
Write 1 CRC byte calculated as XOR of previous 146 data
bytes.
If the CRC check passes, then the device uses the new settings
immediately.
Content of the data block is described in Table 16.
Read Device Config Cmd (06h)
This command reads the current device configuration. It gives
the user ‘flat-address-space’ access to all device settings.
To read device configuration the user must:
Write command 06h
Read 146 data bytes (see Table 16).
Read 1 CRC byte.
Reconfigure Device Cmd (07h)
This command immediately reconfigures the device with actual
POR defaults from EEPROM. It has the same effect on the
registers as a POR.
[+] Feedback


Similar Part No. - CY8C9520A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C9520A CYPRESS-CY8C9520A Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520A-24PVXI CYPRESS-CY8C9520A-24PVXI Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520A-24PVXIT CYPRESS-CY8C9520A-24PVXIT Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520A CYPRESS-CY8C9520A_10 Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
More results

Similar Description - CY8C9520A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C9520A CYPRESS-CY8C9520A_10 Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520 CYPRESS-CY8C9520 Datasheet
374Kb / 25P
   20-, 40-, and 60-Bit I/O Expander with EEPROM
logo
Maxwell Technologies
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
   20 Megabit (512K x 40-Bit) EEPROM MCM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
   20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
logo
Intersil Corporation
HI5767 INTERSIL-HI5767 Datasheet
133Kb / 13P
   10-Bit, 20/40/60 MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
M66013FP RENESAS-M66013FP Datasheet
88Kb / 5P
   8-bit I/O Expander with Address
logo
Schneider Electric
TM221C40R SCHNEIDER-TM221C40R Datasheet
263Kb / 17P
   controller M221 40 IO relay
logo
Mitsubishi Electric Sem...
M66013FP MITSUBISHI-M66013FP Datasheet
33Kb / 2P
   8-BIT I/O EXPANDER WITH ADDRESS
M66009FP MITSUBISHI-M66009FP Datasheet
73Kb / 8P
   8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
logo
Renesas Technology Corp
M66009FP RENESAS-M66009FP Datasheet
2Mb / 9P
   8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com