Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C9520A Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY8C9520A
Description  20-, 40-, and 60-Bit IO Expander with EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C9520A Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY8C9520A Datasheet HTML 9Page - Cypress Semiconductor CY8C9520A Datasheet HTML 10Page - Cypress Semiconductor CY8C9520A Datasheet HTML 11Page - Cypress Semiconductor CY8C9520A Datasheet HTML 12Page - Cypress Semiconductor CY8C9520A Datasheet HTML 13Page - Cypress Semiconductor CY8C9520A Datasheet HTML 14Page - Cypress Semiconductor CY8C9520A Datasheet HTML 15Page - Cypress Semiconductor CY8C9520A Datasheet HTML 16Page - Cypress Semiconductor CY8C9520A Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
CY8C9520A, CY8C9540A
CY8C9560A
Document Number: 38-12036 Rev. *B
Page 13 of 24
Watchdog Register (2Fh)
This register controls the internal Watchdog timer. This timer can
trigger a device reset if the device is not responding to I2C
requests due to misconfiguration. Device operation is not
affected when the Watchdog register = 0. If the I2C master writes
any non zero value to the Watchdog register, the countdown
mechanism is activated and each second the register is decre-
mented. Upon transition from 1 to 0, the device is rebooted,
which restores user defaults. After reboot, the Watchdog register
value is reset to zero. Any I2C transaction (addressing the
Expander) resets the Watchdog register to the previously stored
value. Any device reboot (caused by a POR or Watchdog) sets
the Watchdog register to zero (turns off the Watchdog feature).
The Watchdog timer can be disabled by writing zero to the
Watchdog register (2Fh) or by using the Reconfigure Device
Cmd (07h).
Note The Watchdog timer is not intended to track precise time
intervals. The timer's frequency can vary in range between -50%
on up to +100%. This variation must be taken into account when
selecting the appropriate value for the Watchdog register.
Command Register (30h)
This register sends commands to the device, including current
configuration as new POR defaults, restore factory defaults,
define POR defaults, read POR defaults, write device configu-
ration, read device configuration, and reconfigure device with
stored POR defaults. The command set is presented in Table 15.
Note Registers are not restored in parallel. Do not assume any
particular order to the restoration process.
Commands Description
Store Config to E2 POR Defaults Cmd (01h)
The current ports settings (drive modes and output data) and
other configuration registers are saved in the EEPROM by using
the store configuration command (Cmd). These settings are
automatically loaded after the next device power up or if the 07h
command is issued.
Restore Factory Defaults Cmd (02h)
This command replaces the saved user configuration with the
factory default configuration. Current settings are unaffected by
this command. New settings are loaded after the next device
power up or if the 07h command is issued.
Write E2 POR Defaults Cmd (03h)
This command sends new power up defaults to the CY8C95xx
without changing current settings unless the 07h command is
issued afterwards. This command is followed by 147 data bytes
according to Table 16. The CRC is calculated as the XOR of the
146 data bytes (00h-91h). If the CRC check fails or an incom-
plete block is sent, then the slave responds with a NAK and the
data does not get saved to EEPROM.
To define new POR defaults the user must:
Write command 03h
Write 146 data bytes with new values of registers
Write 1 CRC byte calculated as XOR of previous 146 data
bytes.
Content of the data block is described in Table 16.
Table 15. Available Commands
Command
Description
01h
Store device configuration to EEPROM POR
defaults
02h
Restore Factory Defaults
03h
Write EEPROM POR defaults
04h
Read EEPROM POR defaults
05h
Write device configuration
06h
Read device configuration
07h
Reconfigure device with stored POR defaults
Table 16. POR Defaults Data Structure
Offset
Value
00h – 07h
Output Port 0-7
08h – 0Fh
Interrupt mask Port 0-7
10h – 17h
Select PWM Port 0-7
18h – 1Fh
Inversion Port 0-7
20h – 27h
Pin Direction Port 0-7
28h
Resistive pull up Drive Mode Port 0
29h
Resistive pull down Drive Mode Port 0
2Ah
Open drain high Drive Mode Port 0
2Bh
Open drain low Drive Mode Port 0
2Ch
Strong drive Drive Mode Port 0
2Dh
Slow strong drive Drive Mode Port 0
2Eh
High impedance Drive Mode Port 0
2Fh – 35h
Drive Modes Port 1
36h – 3Ch
Drive Modes Port 2
3Dh – 43h
Drive Modes Port 3
44h – 4Ah
Drive Modes Port 4
4Bh – 51h
Drive Modes Port 5
52h – 58h
Drive Modes Port 6
59h – 5Fh
Drive Modes Port 7
60h
Config setting PWM0
61h
Period setting PWM0
62h
Pulse Width setting PWM0
63h – 65h
PWM1 settings
……
8Dh – 8Fh
PWM15 settings
90h
Divider
91h
Enable
92h
CRC
[+] Feedback


Similar Part No. - CY8C9520A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C9520A CYPRESS-CY8C9520A Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520A-24PVXI CYPRESS-CY8C9520A-24PVXI Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520A-24PVXIT CYPRESS-CY8C9520A-24PVXIT Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520A CYPRESS-CY8C9520A_10 Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
More results

Similar Description - CY8C9520A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C9520A CYPRESS-CY8C9520A_10 Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520 CYPRESS-CY8C9520 Datasheet
374Kb / 25P
   20-, 40-, and 60-Bit I/O Expander with EEPROM
logo
Maxwell Technologies
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
   20 Megabit (512K x 40-Bit) EEPROM MCM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
   20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
logo
Intersil Corporation
HI5767 INTERSIL-HI5767 Datasheet
133Kb / 13P
   10-Bit, 20/40/60 MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
M66013FP RENESAS-M66013FP Datasheet
88Kb / 5P
   8-bit I/O Expander with Address
logo
Schneider Electric
TM221C40R SCHNEIDER-TM221C40R Datasheet
263Kb / 17P
   controller M221 40 IO relay
logo
Mitsubishi Electric Sem...
M66013FP MITSUBISHI-M66013FP Datasheet
33Kb / 2P
   8-BIT I/O EXPANDER WITH ADDRESS
M66009FP MITSUBISHI-M66009FP Datasheet
73Kb / 8P
   8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
logo
Renesas Technology Corp
M66009FP RENESAS-M66009FP Datasheet
2Mb / 9P
   8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com