Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C9520A Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C9520A
Description  20-, 40-, and 60-Bit IO Expander with EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C9520A Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C9520A Datasheet HTML 6Page - Cypress Semiconductor CY8C9520A Datasheet HTML 7Page - Cypress Semiconductor CY8C9520A Datasheet HTML 8Page - Cypress Semiconductor CY8C9520A Datasheet HTML 9Page - Cypress Semiconductor CY8C9520A Datasheet HTML 10Page - Cypress Semiconductor CY8C9520A Datasheet HTML 11Page - Cypress Semiconductor CY8C9520A Datasheet HTML 12Page - Cypress Semiconductor CY8C9520A Datasheet HTML 13Page - Cypress Semiconductor CY8C9520A Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
CY8C9520A, CY8C9540A
CY8C9560A
Document Number: 38-12036 Rev. *B
Page 10 of 24
Register Mapping Table
The register address is auto-incrementing. If the master device
writes or reads data to or from one register and then continues
data transfer in the same I2C transaction, sequential bytes are
written or read to or from the following registers. For example, if
the first byte is sent to the Output Port 1 register, then the next
bytes are written to Output Port 2, Output Port 3, Output Port 4
etc. The first byte of each write transaction is treated as the
register address.
To read data from a seires of registers, the master device must
write the starting register address byte then perform a start and
series of read transactions. If no address was sent, reads start
from address 0.
To read a specific register address, the master device must write
the register address byte, then perform a start and read trans-
action.
See Figure 7, “Port Reading and Writing in Multi-Port Device,” on
page 9.
The device’s register mapping is listed in Table 7.
Register Descriptions
The registers for the CY8C95xx are described in the sections
that follow. Note that the PWM registers are located at addresses
28h to 2Bh.
Input Port Registers (00h - 07h)
These registers represent actual logical levels on the pins and
are used for IO port reading operations. They are read only. The
Inversion registers changes the state of reads to these ports.
Output Port Registers (08h - 0Fh)
These registers are used for writing data to GPIO ports. By
default, all ports are in the pull up mode allowing quasi-bidirec-
tional IO. To allow input operations without reconfiguration, these
registers have to store ’1’s.
Output register data also affects pin states when PWMs are
enabled. See Table 8. Output and Select PWM Registers Logic
for details.
Table 7. The Device Register Address Map
Address
Register
Default
Register Value
00h
Input Port 0
None
01h
Input Port 1
None
02h
Input Port 2
None
03h
Input Port 3
None
04h
Input Port 4
None
05h
Input Port 5
None
06h
Input Port 6
None
07h
Input Port 7
None
08h
Output Port 0
FFh
09h
Output Port 1
FFh
0Ah
Output Port 2
FFh
0Bh
Output Port 3
FFh
0Ch
Output Port 4
FFh
0Dh
Output Port 5
FFh
0Eh
Output Port 6
FFh
0Fh
Output Port 7
FFh
10h
Interrupt Status Port 0
00h
11h
Interrupt Status Port 1
00h
12h
Interrupt Status Port 2
00h
13h
Interrupt Status Port 3
00h
14h
Interrupt Status Port 4
00h
15h
Interrupt Status Port 5
00h
16h
Interrupt Status Port 6
00h
17h
Interrupt Status Port 7
00h
18h
Port Select
00h
19h
Interrupt Mask
FFh
1Ah
Select PWM for Port Output 00h
1Bh
Inversion
00h
1Ch
Pin Direction - Input/Output
00h
1Dh
Drive Mode - Pull Up
FFh
1Eh
Drive Mode - Pull Down
00h
1Fh
Drive Mode - Open Drain
High
00h
20h
Drive Mode - Open Drain
Low
00h
21h
Drive Mode - Strong
00h
22h
Drive Mode - Slow Strong
00h
23h
Drive Mode - High-Z
00h
24h
Reserved
None
25h
Reserved
None
26h
Reserved
None
27h
Reserved
None
28h
PWM Select
00h
29h
Config PWM
00h
2Ah
Period PWM
FFh
2Bh
Pulse Width PWM
80h
2Ch
Programmable Divider
FFh
2Dh
Enable WDE, EEE, EERO
00h
2Eh
Device ID/Status
20h/40h/60h
2Fh
Watchdog
00h
30h
Command
00h
Table 7. The Device Register Address Map (continued)
Address
Register
Default
Register Value
[+] Feedback


Similar Part No. - CY8C9520A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C9520A CYPRESS-CY8C9520A Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520A-24PVXI CYPRESS-CY8C9520A-24PVXI Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520A-24PVXIT CYPRESS-CY8C9520A-24PVXIT Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520A CYPRESS-CY8C9520A_10 Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
More results

Similar Description - CY8C9520A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C9520A CYPRESS-CY8C9520A_10 Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520 CYPRESS-CY8C9520 Datasheet
374Kb / 25P
   20-, 40-, and 60-Bit I/O Expander with EEPROM
logo
Maxwell Technologies
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
   20 Megabit (512K x 40-Bit) EEPROM MCM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
   20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
logo
Intersil Corporation
HI5767 INTERSIL-HI5767 Datasheet
133Kb / 13P
   10-Bit, 20/40/60 MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
M66013FP RENESAS-M66013FP Datasheet
88Kb / 5P
   8-bit I/O Expander with Address
logo
Schneider Electric
TM221C40R SCHNEIDER-TM221C40R Datasheet
263Kb / 17P
   controller M221 40 IO relay
logo
Mitsubishi Electric Sem...
M66013FP MITSUBISHI-M66013FP Datasheet
33Kb / 2P
   8-BIT I/O EXPANDER WITH ADDRESS
M66009FP MITSUBISHI-M66009FP Datasheet
73Kb / 8P
   8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
logo
Renesas Technology Corp
M66009FP RENESAS-M66009FP Datasheet
2Mb / 9P
   8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com