Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C9520A Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C9520A
Description  20-, 40-, and 60-Bit IO Expander with EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C9520A Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C9520A Datasheet HTML 5Page - Cypress Semiconductor CY8C9520A Datasheet HTML 6Page - Cypress Semiconductor CY8C9520A Datasheet HTML 7Page - Cypress Semiconductor CY8C9520A Datasheet HTML 8Page - Cypress Semiconductor CY8C9520A Datasheet HTML 9Page - Cypress Semiconductor CY8C9520A Datasheet HTML 10Page - Cypress Semiconductor CY8C9520A Datasheet HTML 11Page - Cypress Semiconductor CY8C9520A Datasheet HTML 12Page - Cypress Semiconductor CY8C9520A Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CY8C9520A, CY8C9540A
CY8C9560A
Document Number: 38-12036 Rev. *B
Page 9 of 24
Figure 6. Memory Reading and Writing
Figure 7. Port Reading and Writing in Multi-Port Device
S A6 A5
A3 A2 A1 A0 1
A
A4
data(Addr)
A
data(Addr+1)
ACK from
Slave
S A6 A5
A3 A2 A1 A0 0
A
High(Addr)
A
Low(Addr)
A4
A
N
P
No ACK
from Master
Stop
A
...
ACK from
Master
ACK from
Master
ACK from
Slave
ACK from
Slave
ACK from
Slave
R/W
Start
Slave Address
R/W
Memory Address
Reading from EEPROM
data 1
S A6 A5
A3 A2 A1 A0 0
A
High(Addr)
A
Low(Addr)
A4
A
ACK from
Slave
ACK from
Slave
ACK from
Slave
Start
R/W
Writing to EEPROM
A
data 2
A
P
If current address crosses
64-byte block boundary,
then device performs real
writing to EEPROM
Stop
A
...
Up to the End of Address Space
Memory Address
Slave Address
S
0
A
data from GPort1
...
Start
Slave Address
R/W
Register Address = 1
Reading from GPort 1
0
0
0
0
0
0
0
1
A
S
A6 A5
A3 A2 A1 A0
A4
A6 A5
A3 A2 A1 A0
A4
1
A
A
data from GPort 2
A
N
P
No ACK
from Master
Stop
ACK from
Slave
ACK from
Slave
ACK from
Master
R/W
At this moment, device
performs reading from GPort 1
Reading from GPort 2
S
0
A
data from GPort1
...
Start
R/W
Register Address = 09h
Writing from GPort 1
0
0
0
0
1
0
0
1
A
A6 A5
A3 A2 A1 A0
A4
A
A
ACK from
Slave
ACK from
Slave
ACK from
Slave
At this moment, device
performs output to GPort 1
data from GPort 2
data from GPort 3
Output to GPort 2
Output to GPort 3
A
ACK from
Slave
P
Stop
Slave Address
[+] Feedback


Similar Part No. - CY8C9520A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C9520A CYPRESS-CY8C9520A Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520A-24PVXI CYPRESS-CY8C9520A-24PVXI Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520A-24PVXIT CYPRESS-CY8C9520A-24PVXIT Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520A CYPRESS-CY8C9520A_10 Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
More results

Similar Description - CY8C9520A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C9520A CYPRESS-CY8C9520A_10 Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520 CYPRESS-CY8C9520 Datasheet
374Kb / 25P
   20-, 40-, and 60-Bit I/O Expander with EEPROM
logo
Maxwell Technologies
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
   20 Megabit (512K x 40-Bit) EEPROM MCM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
   20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
logo
Intersil Corporation
HI5767 INTERSIL-HI5767 Datasheet
133Kb / 13P
   10-Bit, 20/40/60 MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
M66013FP RENESAS-M66013FP Datasheet
88Kb / 5P
   8-bit I/O Expander with Address
logo
Schneider Electric
TM221C40R SCHNEIDER-TM221C40R Datasheet
263Kb / 17P
   controller M221 40 IO relay
logo
Mitsubishi Electric Sem...
M66013FP MITSUBISHI-M66013FP Datasheet
33Kb / 2P
   8-BIT I/O EXPANDER WITH ADDRESS
M66009FP MITSUBISHI-M66009FP Datasheet
73Kb / 8P
   8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
logo
Renesas Technology Corp
M66009FP RENESAS-M66009FP Datasheet
2Mb / 9P
   8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com