Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C9520A Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8C9520A
Description  20-, 40-, and 60-Bit IO Expander with EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C9520A Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8C9520A Datasheet HTML 2Page - Cypress Semiconductor CY8C9520A Datasheet HTML 3Page - Cypress Semiconductor CY8C9520A Datasheet HTML 4Page - Cypress Semiconductor CY8C9520A Datasheet HTML 5Page - Cypress Semiconductor CY8C9520A Datasheet HTML 6Page - Cypress Semiconductor CY8C9520A Datasheet HTML 7Page - Cypress Semiconductor CY8C9520A Datasheet HTML 8Page - Cypress Semiconductor CY8C9520A Datasheet HTML 9Page - Cypress Semiconductor CY8C9520A Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
CY8C9520A, CY8C9540A
CY8C9560A
Document Number: 38-12036 Rev. *B
Page 6 of 24
100-Pin Part Pinout
Table 6. 100-Pin Part Pinout (TQFP)
Pin
No.
Name
Description
Pin
No.
Name
Description
1
DNU
DNU = Do Not Use; leave floating.
51
DNU
DNU = Do Not Use; leave floating.
2
DNU
DNU = Do Not Use; leave floating.
52
GPort5_Bit1_PWM8
Port 5, Bit 1, PWM 8.
3
GPort0_Bit3_PWM1
Port 0, Bit 3, PWM 1.
53
GPort5_Bit0_PWM10
Port 5, Bit 0, PWM 10.
4
GPort0_Bit4_PWM7
Port 0, Bit 4, PWM 7.
54
GPort5_Bit4_PWM12
Port 5, Bit 4, PWM 12.
5
GPort0_Bit5_PWM5
Port 0, Bit 5, PWM 5.
55
GPort5_Bit5_PWM14
Port 5, Bit 5, PWM 14.
6
GPort0_Bit6_PWM3
Port 0, Bit 6, PWM 3.
56
GPort4_Bit7_PWM8
Port 4, Bit 7, PWM 8.
7
GPort0_Bit7_PWM1
Port 0, Bit 7, PWM 1.
57
GPort4_Bit6_PWM10
Port 4, Bit 6, PWM 10.
8
GPort3_Bit0_PWM7
Port 3, Bit 0, PWM 7.
58
GPort4_Bit5_PWM12
Port 4, Bit 5, PWM 12.
9
GPort3_Bit1_PWM5
Port 3, Bit 1, PWM 5.
59
GPort4_Bit4_PWM14
Port 4, Bit 4, PWM 14.
10
GPort3_Bit2_PWM3
Port 3, Bit 2, PWM 3.
60
DNU
DNU = Do Not Use; leave floating.
11
GPort3_Bit3_PWM1
Port 3, Bit 3, PWM 1.
61
DNU
DNU = Do Not Use; leave floating.
12
DNU
DNU = Do Not Use; leave floating.
62
XRES
Active high external reset with internal pull down.
13
DNU
DNU = Do Not Use; leave floating.
63
GPort4_Bit3_PWM0
Port 4, Bit 3, PWM 0.
14
DNU
DNU = Do Not Use; leave floating.
64
GPort4_Bit2_PWM2
Port 4, Bit 2, PWM 2.
15
VSS
Ground connection.
65
VSS
Ground connection.
16
GPort3_Bit4_PWM15
Port 3, Bit 4, PWM 15.
66
GPort4_Bit1_PWM4
Port 4, Bit 1, PWM 4.
17
GPort3_Bit5_PWM13
Port 3, Bit 5, PWM 13.
67
GPort4_Bit0_PWM6
Port 4, Bit 0, PWM 6.
18
GPort3_Bit6_PWM11
Port 3, Bit 6, PWM 11.
68
GPort1_Bit7_PWM0/A4
Port 1, Bit 7, PWM 0, Address 4.
19
GPort3_Bit7_PWM9
Port 3, Bit 7, PWM 9.
69
GPort1_Bit6_PWM2/A5
Port 1, Bit 6, PWM 2, Address 5.
20
GPort5_Bit7_PWM15
Port 5, Bit 7, PWM 15.
70
GPort1_Bit5_PWM4/A6
Port 1, Bit 5, PWM 4, Address 6.
21
GPort5_Bit6_PWM13
Port 5, Bit 6, PWM 13.
71
DNU
DNU = Do Not Use; leave floating.
22
GPort5_Bit2_PWM11
Port 5, Bit 2, PWM 11.
72
GPort1_Bit4_PWM6
Port 1, Bit 4, PWM 6.
23
GPort5_Bit3_PWM9
Port 5, Bit 3, PWM 9.
73
DNU
DNU = Do Not Use; leave floating.
24
I2C Serial Clock (SCL)
I2C Clock.
74
GPort1_Bit3_PWM0
Port 1, Bit 3, PWM 0.
25
DNU
DNU = Do Not Use; leave floating.
75
DNU
DNU = Do Not Use; leave floating.
26
DNU
DNU = Do Not Use; leave floating.
76
DNU
DNU = Do Not Use; leave floating.
27
DNU
DNU = Do Not Use; leave floating.
77
GPort1_Bit2_PWM2
Port 1, Bit 2, PWM 2.
28
I2C Serial Data (SDA)
I2C Data.
78
DNU
DNU = Do Not Use; leave floating.
29
GPort2_Bit3_PWM11/A1
Port 2, Bit 3, PWM 11, Address 1.
79
GPort1_Bit1_PWM4
Port 1, Bit 1, PWM 4.
30
A0
Address 0.
80
DNU
DNU = Do Not Use; leave floating.
31
DNU
DNU = Do Not Use; leave floating.
81
GPort1_Bit0_PWM6
Port 1, Bit 0, PWM 6.
32
Vdd
Supply voltage.
82
Vdd
Supply voltage.
33
DNU
DNU = Do Not Use; leave floating.
83
Vdd
Supply voltage.
34
VSS
Ground connection.
84
VSS
Ground connection.
35
DNU
DNU = Do Not Use; leave floating.
85
VSS
Ground connection.
36
GPort7_Bit7_PWM15
Port 7, Bit 7, PWM 15.
86
GPort6_Bit0_PWM0
Port 6, Bit 0, PWM 0.
37
GPort7_Bit6_PWM14
Port 7, Bit 6, PWM 14.
87
GPort6_Bit1_PWM1
Port 6, Bit 1, PWM 1.
38
GPort7_Bit5_PWM13
Port 7, Bit 5, PWM 13.
88
GPort6_Bit2_PWM2
Port 6, Bit 2, PWM 2.
39
GPort7_Bit4_PWM12
Port 7, Bit 4, PWM 12.
89
GPort6_Bit3_PWM3
Port 6, Bit 3, PWM 3.
40
GPort7_Bit3_PWM11
Port 7, Bit 3, PWM 11.
90
GPort6_Bit4_PWM4
Port 6, Bit 4, PWM 4.
41
GPort7_Bit2_PWM10
Port 7, Bit 2, PWM 10.
91
GPort6_Bit5_PWM5
Port 6, Bit 5, PWM 5.
42
GPort7_Bit1_PWM9
Port 7, Bit 1, PWM 9.
92
GPort6_Bit6_PWM6
Port 6, Bit 6, PWM 6.
43
GPort7_Bit0_PWM8
Port 7, Bit 0, PWM 8.
93
GPort6_Bit7_PWM7
Port 6, Bit 7, PWM 7.
44
GPort2_Bit2_PWM8/WD
Port 2, Bit 2, PWM 8, E2 Write Disable.
94
DNU
DNU = Do Not Use; leave floating.
45
INT
95
GPort0_Bit0_PWM7
Port 0, Bit 0, PWM 7.
46
GPort2_Bit1_PWM12/A2
Port 2, Bit 7, PWM 0, Address 4.
96
DNU
DNU = Do Not Use; leave floating.
47
GPort2_Bit0_PWM14/A3
Port 2, Bit 6, PWM 2, Address 5.
97
GPort0_Bit1_PWM5
Port 0, Bit 1, PWM 5.
48
DNU
DNU = Do Not Use; leave floating.
98
DNU
DNU = Do Not Use; leave floating.
49
DNU
DNU = Do Not Use; leave floating.
99
GPort0_Bit2_PWM3
Port 0, Bit 2, PWM 3.
50
DNU
DNU = Do Not Use; leave floating.
100
DNU
DNU = Do Not Use; leave floating.
[+] Feedback


Similar Part No. - CY8C9520A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C9520A CYPRESS-CY8C9520A Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520A-24PVXI CYPRESS-CY8C9520A-24PVXI Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520A-24PVXIT CYPRESS-CY8C9520A-24PVXIT Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520A CYPRESS-CY8C9520A_10 Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
More results

Similar Description - CY8C9520A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C9520A CYPRESS-CY8C9520A_10 Datasheet
742Kb / 32P
   20, 40, and 60 Bit I/O Expander with EEPROM
CY8C9520 CYPRESS-CY8C9520 Datasheet
374Kb / 25P
   20-, 40-, and 60-Bit I/O Expander with EEPROM
logo
Maxwell Technologies
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
   20 Megabit (512K x 40-Bit) EEPROM MCM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
   20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
logo
Intersil Corporation
HI5767 INTERSIL-HI5767 Datasheet
133Kb / 13P
   10-Bit, 20/40/60 MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
M66013FP RENESAS-M66013FP Datasheet
88Kb / 5P
   8-bit I/O Expander with Address
logo
Schneider Electric
TM221C40R SCHNEIDER-TM221C40R Datasheet
263Kb / 17P
   controller M221 40 IO relay
logo
Mitsubishi Electric Sem...
M66013FP MITSUBISHI-M66013FP Datasheet
33Kb / 2P
   8-BIT I/O EXPANDER WITH ADDRESS
M66009FP MITSUBISHI-M66009FP Datasheet
73Kb / 8P
   8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
logo
Renesas Technology Corp
M66009FP RENESAS-M66009FP Datasheet
2Mb / 9P
   8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com