Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1444AV25 Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # CY7C1444AV25
Description  36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1444AV25 Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button CY7C1444AV25 Datasheet HTML 18Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 19Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 20Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 21Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 22Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 23Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 24Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 25Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 26Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
CY7C1444AV25
CY7C1445AV25
Document #: 38-05351 Rev. *E
Page 26 of 26
Document History Page
Document Title: CY7C1444AV25/CY7C1445AV25 36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
Document Number: 38-05351
REV.
ECN NO.
Issue Date
Orig. of
Change
Description of Change
**
124418
03/04/03
CGM
New data sheet
*A
254909
See ECN
SYT
Part number changed from previous revision. New and old part number differ by
the letter “A”
Modified Functional Block diagrams
Modified switching waveforms
Added Boundary scan information
Added IDD, IX and ISB values in the DC Electrical Characteristics
Added tPOWER specifications in Switching Characteristics table
Removed 119 PBGA package
Edited Ordering Information typo for 165-ball FBGA part and package name
*B
303533
See ECN
SYT
Changed the test condition from VDD = Min to VDD = Max for VOL in the Electrical
Characteristics table
Replaced
Θ
JA and ΘJC from TBD to respective Thermal Values for All Packages
on the Thermal Resistance Table
Changed IDD from 450, 400 & 350 mA to 435, 385 & 335 mA for 250, 200 and 167
Mhz respectively
Changed ISB1 from 190, 180 and 170 mA to 185 mA for 250, 200 and 167 MHz
respectively
Changed ISB2 from 80 mA to 100 mA for all frequencies
Changed ISB3 from 180, 170 & 160 mA to 160 mA for 250, 200 and 167 MHz
respectively
Changed ISB4 from 100 mA to 110 mA for all frequencies
Changed CIN, CCLK and CI/O from 5, 5 and 7 pF to 6.5, 3 and 5.5 pF respectively
for TQFP Package
Changed tCO from 3.0 to 3.2 ns and tDOH from 1.3 ns to 1.5 ns for 200 MHz Speed
Bin
Added lead-free information for 100-pin TQFP and 165 FBGA packages
*C
331778
See ECN
SYT
Modified Address Expansion balls in the pinouts for 165 FBGA Package as per
JEDEC standards and updated the Pin Definitions accordingly
Modified VOL, VOH test conditions
Changed CIN, CCLK and CI/O to 7, 7and 6 pF from 5, 5 and 7 pF for 165 FBGA
Package
Added Industrial Temperature Grade
Changed ISB2 and ISB4 from 100 and 110 mA to 120 and 135 mA respectively
Updated the Ordering Information by Shading and Unshading MPNs as per avail-
ability
*D
417509
See ECN
RXU
Converted from Preliminary to Final
Changed address of Cypress Semiconductor Corporation on Page# 1 from “3901
North First Street” to “198 Champion Court”
Changed IX current value in MODE from –5 & 30 µA to –30 & 5 µA respectively
and also Changed IX current value in ZZ from –30 & 5 µA to –5 & 30 µA respectively
on page# 16
Modified test condition from VIH < VDD to VIH < VDD
Modified “Input Load” to “Input Leakage Current except ZZ and MODE” in the
Electrical Characteristics Table
Replaced Package Name column with Package Diagram in the Ordering
Information table
Replaced Package Diagram of 51-85050 from *A to *B
*E
473229
See ECN
VKN
Added the Maximum Rating for Supply Voltage on VDDQ Relative to GND.
Changed tTH, tTL from 25 ns to 20 ns and tTDOV from 5 ns to 10 ns in TAP AC
Switching Characteristics table.
Updated the Ordering Information table.


Similar Part No. - CY7C1444AV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
792Kb / 28P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined DCD Sync SRAM 3.3 V core power supply
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
784Kb / 29P
   36-Mbit (1 M x 36/2 M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33-167AXC CYPRESS-CY7C1444AV33-167AXC Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1444AV33-167AXC CYPRESS-CY7C1444AV33-167AXC Datasheet
784Kb / 29P
   36-Mbit (1 M x 36/2 M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1444AV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1484V25 CYPRESS-CY7C1484V25 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1484V33 CYPRESS-CY7C1484V33_07 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33_06 Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33 Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV25 CYPRESS-CY7C1440AV25 Datasheet
524Kb / 32P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com