Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1444AV25 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CY7C1444AV25
Description  36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1444AV25 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CY7C1444AV25 Datasheet HTML 18Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 19Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 20Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 21Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 22Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 23Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 24Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 25Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 26Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
CY7C1444AV25
CY7C1445AV25
Document #: 38-05351 Rev. *E
Page 23 of 26
Ordering Information
Not all of the speed, package and temperature ranges are available. Please contact your local sales representative or
visit www.cypress.com for actual products offered.
Speed
(MHz)
Ordering Code
Package
Diagram
Part and Package Type
Operating
Range
167
CY7C1444AV25-167AXC
51-85050 100-Pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free
Commercial
CY7C1445AV25-167AXC
CY7C1444AV25-167BZC
51-85165 165-ball Fine-Pitch Ball Grid Array (15 x 17 x 1.4 mm)
CY7C1445AV25-167BZC
CY7C1444AV25-167BZXC
51-85165 165-ball Fine-Pitch Ball Grid Array (15 x 17 x 1.4 mm) Lead-Free
CY7C1445AV25-167BZXC
CY7C1444AV25-167AXI
51-85050 100-Pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free
lndustrial
CY7C1445AV25-167AXI
CY7C1444AV25-167BZI
51-85165 165-ball Fine-Pitch Ball Grid Array (15 x 17 x 1.4 mm)
CY7C1445AV25-167BZI
CY7C1444AV25-167BZXI
51-85165 165-ball Fine-Pitch Ball Grid Array (15 x 17 x 1.4 mm) Lead-Free
CY7C1445AV25-167BZXI
200
CY7C1444AV25-200AXC
51-85050 100-Pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free
Commercial
CY7C1445AV25-200AXC
CY7C1444AV25-200BZC
51-85165 165-ball Fine-Pitch Ball Grid Array (15 x 17 x 1.4 mm)
CY7C1445AV25-200BZC
CY7C1444AV25-200BZXC
51-85165 165-ball Fine-Pitch Ball Grid Array (15 x 17 x 1.4 mm) Lead-Free
CY7C1445AV25-200BZXC
CY7C1444AV25-200AXI
51-85050 100-Pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free
lndustrial
CY7C1445AV25-200AXI
CY7C1444AV25-200BZI
51-85165 165-ball Fine-Pitch Ball Grid Array (15 x 17 x 1.4 mm)
CY7C1445AV25-200BZI
CY7C1444AV25-200BZXI
51-85165 165-ball Fine-Pitch Ball Grid Array (15 x 17 x 1.4 mm) Lead-Free
CY7C1445AV25-200BZXI
250
CY7C1444AV25-250AXC
51-85050 100-Pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free
Commercial
CY7C1445AV25-250AXC
CY7C1444AV25-250BZC
51-85165 165-ball Fine-Pitch Ball Grid Array (15 x 17 x 1.4 mm)
CY7C1445AV25-250BZC
CY7C1444AV25-250BZXC
51-85165 165-ball Fine-Pitch Ball Grid Array (15 x 17 x 1.4 mm) Lead-Free
CY7C1445AV25-250BZXC
CY7C1444AV25-250AXI
51-85050 100-Pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free
Industrial
CY7C1445AV25-250AXI
CY7C1444AV25-250BZI
51-85165 165-ball Fine-Pitch Ball Grid Array (15 x 17 x 1.4 mm)
CY7C1445AV25-250BZI
CY7C1444AV25-250BZXI
51-85165 165-ball Fine-Pitch Ball Grid Array (15 x 17 x 1.4 mm) Lead-Free
CY7C1445AV25-250BZXI


Similar Part No. - CY7C1444AV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
792Kb / 28P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined DCD Sync SRAM 3.3 V core power supply
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
784Kb / 29P
   36-Mbit (1 M x 36/2 M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33-167AXC CYPRESS-CY7C1444AV33-167AXC Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1444AV33-167AXC CYPRESS-CY7C1444AV33-167AXC Datasheet
784Kb / 29P
   36-Mbit (1 M x 36/2 M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1444AV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1484V25 CYPRESS-CY7C1484V25 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1484V33 CYPRESS-CY7C1484V33_07 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33_06 Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33 Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV25 CYPRESS-CY7C1440AV25 Datasheet
524Kb / 32P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com