Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1444AV25 Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # CY7C1444AV25
Description  36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1444AV25 Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button CY7C1444AV25 Datasheet HTML 14Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 15Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 16Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 17Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 18Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 19Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 20Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 21Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
CY7C1444AV25
CY7C1445AV25
Document #: 38-05351 Rev. *E
Page 18 of 26
Switching Characteristics Over the Operating Range[21, 22]
Parameter
Description
–250
–200
–167
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tPOWER
VDD(Typical) to the first Access
[17]
111
ms
Clock
tCYC
Clock Cycle Time
4.0
5.0
6.0
ns
tCH
Clock HIGH
1.5
2.0
2.4
ns
tCL
Clock LOW
1.5
2.0
2.4
ns
Output Times
tCO
Data Output Valid After CLK Rise
2.6
3.2
3.4
ns
tDOH
Data Output Hold After CLK Rise
1.0
1.5
1.5
ns
tCLZ
Clock to Low-Z[18, 19, 20]
1.0
1.3
1.5
ns
tCHZ
Clock to High-Z[18, 19, 20]
2.6
3.0
3.4
ns
tOEV
OE LOW to Output Valid
2.6
3.0
3.4
ns
tOELZ
OE LOW to Output Low-Z[18, 19, 20]
000
ns
tOEHZ
OE HIGH to Output High-Z[18, 19, 20]
2.6
3.0
3.4
ns
Set-up Times
tAS
Address Set-up Before CLK Rise
1.2
1.4
1.5
ns
tADS
ADSC, ADSP Set-up Before CLK Rise
1.2
1.4
1.5
ns
tADVS
ADV Set-up Before CLK Rise
1.2
1.4
1.5
ns
tWES
GW, BWE, BWX Set-up Before CLK Rise
1.2
1.4
1.5
ns
tDS
Data Input Set-up Before CLK Rise
1.2
1.4
1.5
ns
tCES
Chip Enable Set-Up Before CLK Rise
1.2
1.4
1.5
ns
Hold Times
tAH
Address Hold After CLK Rise
0.3
0.4
0.5
ns
tADH
ADSP, ADSC Hold After CLK Rise
0.3
0.4
0.5
ns
tADVH
ADV Hold After CLK Rise
0.3
0.4
0.5
ns
tWEH
GW, BWE, BWX Hold After CLK Rise
0.3
0.4
0.5
ns
tDH
Data Input Hold After CLK Rise
0.3
0.4
0.5
ns
tCEH
Chip Enable Hold After CLK Rise
0.3
0.4
0.5
ns
Notes:
17. This part has a voltage regulator internally; tPOWER is the time that the power needs to be supplied above VDD(minimum) initially before a read or write operation
can be initiated.
18. tCHZ, tCLZ,tOELZ, and tOEHZ are specified with AC test conditions shown in part (b) of AC Test Loads. Transition is measured ± 200 mV from steady-state voltage.
19. At any given voltage and temperature, tOEHZ is less than tOELZ and tCHZ is less than tCLZ to eliminate bus contention between SRAMs when sharing the same
data bus. These specifications do not imply a bus contention condition, but reflect parameters guaranteed over worst case user conditions. Device is designed
to achieve High-Z prior to Low-Z under the same system conditions.
20. This parameter is sampled and not 100% tested.
21. Timing reference level is 1.25V when VDDQ = 2.5V and 0.9V when VDDQ = 1.8V.
22. Test conditions shown in (a) of AC Test Loads unless otherwise noted.


Similar Part No. - CY7C1444AV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
792Kb / 28P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined DCD Sync SRAM 3.3 V core power supply
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
784Kb / 29P
   36-Mbit (1 M x 36/2 M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33-167AXC CYPRESS-CY7C1444AV33-167AXC Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1444AV33-167AXC CYPRESS-CY7C1444AV33-167AXC Datasheet
784Kb / 29P
   36-Mbit (1 M x 36/2 M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1444AV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1484V25 CYPRESS-CY7C1484V25 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1484V33 CYPRESS-CY7C1484V33_07 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33_06 Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33 Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV25 CYPRESS-CY7C1440AV25 Datasheet
524Kb / 32P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com