Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1444AV25 Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # CY7C1444AV25
Description  36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1444AV25 Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button CY7C1444AV25 Datasheet HTML 11Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 12Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 13Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 14Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 15Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 16Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 17Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 18Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
CY7C1444AV25
CY7C1445AV25
Document #: 38-05351 Rev. *E
Page 15 of 26
165-ball FBGA Boundary Scan Order[ 12,13]
CY7C1444AV25 (1M x 36), CY7C1445AV25 (2M x 18)
Bit #
Ball ID
Bit #
Ball ID
Bit #
Ball ID
Bit #
Ball ID
1
N6
26
E11
51
A3
76
N1
2
N7
27
D11
52
A2
77
N2
3
N10
28
G10
53B2
78P1
4P11
29
F10
54
C2
79
R1
5
P8
30
E10
55
B1
80
R2
6
R8
31
D10
56
A1
81
P3
7R9
32
C11
57
C1
82
R3
8P9
33
A11
58
D1
83
P2
9P10
34
B11
59E1
84
R4
10
R10
35
A10
60
F1
85
P4
11
R11
36
B10
61
G1
86
N5
12
H11
37
A9
62
D2
87
P6
13
N11
38
B9
63
E2
88
R6
14
M11
39
C10
64
F2
89
Internal
15
L11
40
A8
65
G2
16
K11
41
B8
66
H1
17
J11
42
A7
67
H3
18
M10
43
B7
68
J1
19
L10
44
B6
69
K1
20
K10
45
A6
70
L1
21
J10
46
B5
71
M1
22
H9
47
A5
72
J2
23
H10
48
A4
73
K2
24
G11
49
B4
74
L2
25
F11
50
B3
75
M2
Notes:
12. Balls which are NC (No Connect) are Pre-Set LOW.
13. Bit# 89 is Pre-Set HIGH.


Similar Part No. - CY7C1444AV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
792Kb / 28P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined DCD Sync SRAM 3.3 V core power supply
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
784Kb / 29P
   36-Mbit (1 M x 36/2 M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33-167AXC CYPRESS-CY7C1444AV33-167AXC Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1444AV33-167AXC CYPRESS-CY7C1444AV33-167AXC Datasheet
784Kb / 29P
   36-Mbit (1 M x 36/2 M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1444AV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1484V25 CYPRESS-CY7C1484V25 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1484V33 CYPRESS-CY7C1484V33_07 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33_06 Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33 Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV25 CYPRESS-CY7C1440AV25 Datasheet
524Kb / 32P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com