Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1444AV25 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY7C1444AV25
Description  36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1444AV25 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY7C1444AV25 Datasheet HTML 9Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 10Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 11Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 12Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 13Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 14Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 15Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 16Page - Cypress Semiconductor CY7C1444AV25 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
CY7C1444AV25
CY7C1445AV25
Document #: 38-05351 Rev. *E
Page 13 of 26
2.5V TAP AC Test Conditions
Input pulse levels ................................................ VSS to 2.5V
Input rise and fall time..................................................... 1 ns
Input timing reference levels .........................................1.25V
Output reference levels.................................................1.25V
Test load termination supply voltage .............................1.25V
2.5V TAP AC Output Load Equivalent
1.8V TAP AC Test Conditions
Input pulse levels......................................0.2V to VDDQ – 0.2
Input rise and fall time .....................................................1 ns
Input timing reference levels........................................... 0.9V
Output reference levels .................................................. 0.9V
Test load termination supply voltage .............................. 0.9V
1.8V TAP AC Output Load Equivalent
Note:
11. All voltages referenced to VSS (GND).
TDO
1.25V
20pF
Z = 50
O
50
TDO
0.9V
20pF
Z = 50
O
50
TAP DC Electrical Characteristics And Operating Conditions
(0°C < TA < +70°C; VDD = 2.5V ±0.125V unless otherwise noted)
[11]
Parameter
Description
Test Conditions
Min.
Max.
Unit
VOH1
Output HIGH Voltage
IOH = –1.0 mA, VDDQ = 2.5V
2.0
V
VOH2
Output HIGH Voltage
IOH = –100 µA
VDDQ = 2.5V
2.1
V
VDDQ = 1.8V
1.6
V
VOL1
Output LOW Voltage
IOL = 1.0 mA
VDDQ = 2.5V
0.4
V
VOL2
Output LOW Voltage
IOL = 100 µA
VDDQ = 2.5V
0.2
V
VDDQ = 1.8V
0.2
V
VIH
Input HIGH Voltage
VDDQ = 2.5V
1.7
VDD + 0.3
V
VDDQ = 1.8V
1.26
VDD + 0.3
V
VIL
Input LOW Voltage
VDDQ = 2.5V
–0.3
0.7
V
VDDQ = 1.8V
–0.3
0.36
V
IX
Input Load Current
GND < VIN < VDDQ
–5
5
µA


Similar Part No. - CY7C1444AV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
792Kb / 28P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined DCD Sync SRAM 3.3 V core power supply
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
784Kb / 29P
   36-Mbit (1 M x 36/2 M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33-167AXC CYPRESS-CY7C1444AV33-167AXC Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1444AV33-167AXC CYPRESS-CY7C1444AV33-167AXC Datasheet
784Kb / 29P
   36-Mbit (1 M x 36/2 M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1444AV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1484V25 CYPRESS-CY7C1484V25 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1484V33 CYPRESS-CY7C1484V33_07 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33_06 Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33 Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV25 CYPRESS-CY7C1440AV25 Datasheet
524Kb / 32P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com