Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2590HV-AQ Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2590HV-AQ
Description  SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2590HV-AQ Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2590HV-AQ Datasheet HTML 12Page - National Semiconductor (TI) LM2590HV-AQ Datasheet HTML 13Page - National Semiconductor (TI) LM2590HV-AQ Datasheet HTML 14Page - National Semiconductor (TI) LM2590HV-AQ Datasheet HTML 15Page - National Semiconductor (TI) LM2590HV-AQ Datasheet HTML 16Page - National Semiconductor (TI) LM2590HV-AQ Datasheet HTML 17Page - National Semiconductor (TI) LM2590HV-AQ Datasheet HTML 18Page - National Semiconductor (TI) LM2590HV-AQ Datasheet HTML 19Page - National Semiconductor (TI) LM2590HV-AQ Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Application Information
INDUCTOR SELECTION PROCEDURE
Application Note AN-1197 titled "Selecting Inductors for Buck
Converters" provides detailed information on this topic. For a
quick-start the designer may refer to the nomographs pro-
vided in Figure 4 to Figure 6. To widen the choice of the
Designer to a more general selection of available inductors,
the nomographs provide the required inductance and also
the energy in the core expressed in microjoules (µJ), as an
alternative to just prescribing custom parts. The following
points need to be highlighted:
1.
The Energy values shown on the nomographs apply to
steady operation at the corresponding x-coordinate
(rated maximum load current). However under start-up,
without soft-start, or a short-circuit on the output, the
current in the inductor will momentarily/repetitively hit
the current limit I
CLIM of the device, and this current
could be much higher than the rated load, I
LOAD. This
represents an overload situation, and can cause the
Inductor to saturate (if it has been designed only to
handle the energy of steady operation). However most
types of core structures used for such applications have
a large inherent air gap (for example powdered iron
types or ferrite rod inductors), and so the inductance
does not fall off too sharply under an overload. The
device is usually able to protect itself by not allowing the
current to ever exceed I
CLIM. But if the DC input voltage
to the regulator is over 40V, the current can slew up so
fast under core saturation, that the device may not be
able to act fast enough to restrict the current. The cur-
rent can then rise without limit till destruction of the
device takes place. Therefore to ensure reliability, it is
recommended, that if the DC Input Voltage exceeds
40V, the inductor must ALWAYS be sized to handle an
instantaneous current equal to I
CLIM without saturating,
irrespective of the type of core structure/material.
2.
The Energy under steady operation is
where L is in µH and I
PEAK is the peak of the inductor
current waveform with the regulator delivering I
LOAD.
These are the energy values shown in the nomographs.
See Example 1 below.
3.
The Energy under overload is
If V
IN > 40V, the inductor should be sized to handle
e
CLIM instead of the steady energy values. The worst
case I
CLIM for the LM2590HV-AQ is 3A. The Energy
rating depends on the Inductance. See Example 2 be-
low.
4.
The nomographs were generated by allowing a greater
amount of percentage current ripple in the Inductor as
the maximum rated load decreases (see Figure 7). This
was done to permit the use of smaller inductors at light
loads. Figure 7 however shows only the ’median’ value
of the current ripple. In reality there may be a great
spread around this because the nomographs approxi-
mate the exact calculated inductance to standard avail-
able values. It is a good idea to refer to AN-1197 for
detailed calculations if a certain maximum inductor cur-
rent ripple is required for various possible reasons. Also
consider the rather wide tolerance on the nominal induc-
tance of commercial inductors.
5.
Figure 6 shows the inductor selection curves for the
Adjustable version. The y-axis is ’Et’, in Vµsecs. It is the
applied volts across the inductor during the ON time of
the switch (V
IN-VSAT-VOUT) multiplied by the time for
which the switch is on in µsecs. See Example 3 below.
Example 1: (V
IN
≤ 40V) LM2590HV-5.0-AQ, V
IN = 24V,
Output 5V @ 0.8A
1. A first pass inductor selection is based upon Inductance
and rated max load current. We choose an inductor with the
Inductance value indicated by the nomograph (Figure 5) and
a current rating equal to the maximum load current. We
therefore quick-select a 100µH/0.8 A inductor (designed for
150 kHz operation) for this application.
2. We should confirm that it is rated to handle 50 µJ (see
Figure 5) by either estimating the peak current or by a
detailed calculation as shown in AN-1197, and also that the
losses are acceptable.
Example 2: (V
IN > 40V) LM2590HV-5.0-AQ, VIN = 48V,
Output 5V @ 1A
1. A first pass inductor selection is based upon Inductance
and the switch currrent limit. We choose an inductor with the
Inductance value indicated by the nomograph (Figure 5) and
a current rating equal to I
CLIM. We therefore quick-select a
100µH/3A inductor (designed for 150 kHz operation) for this
application.
2. We should confirm that it is rated to handle e
CLIM by the
procedure shown in AN-1197 and that the losses are accept-
able. Here e
CLIM is:
Example 3: (V
IN
≤ 40V) LM2590HV-ADJ-AQ, V
IN = 20V,
Output 10V @ 1A
1. Since input voltage is less than 40V, a first pass inductor
selection is based upon Inductance and rated max load
current. We choose an inductor with the Inductance value
indicated by the nomograph Figure 6 and a current rating
equal to the maximum load. But we first need to calculate Et
for the given application. The Duty cycle is
where V
D is the drop across the Catch Diode (
) 0.5V for a
Schottky) and V
SAT the drop across the switch (
)1.5V). So
And the switch ON time is
where f is the switching frequency in Hz. So
www.national.com
16


Similar Part No. - LM2590HV-AQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
More results

Similar Description - LM2590HV-AQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2591HV TI-LM2591HV_15 Datasheet
3Mb / 28P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2590HVSX-5.0-NOPB TI1-LM2590HVSX-5.0-NOPB Datasheet
788Kb / 22P
[Old version datasheet]   LM2590HV SIMPLE SWITCHERPower Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
National Semiconductor ...
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2593HV NSC-LM2593HV Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com