Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6203 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL6203
Description  Laser Driver Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6203 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL6203_07 Datasheet HTML 3Page - Intersil Corporation EL6203_07 Datasheet HTML 4Page - Intersil Corporation EL6203_07 Datasheet HTML 5Page - Intersil Corporation EL6203_07 Datasheet HTML 6Page - Intersil Corporation EL6203_07 Datasheet HTML 7Page - Intersil Corporation EL6203_07 Datasheet HTML 8Page - Intersil Corporation EL6203_07 Datasheet HTML 9Page - Intersil Corporation EL6203_07 Datasheet HTML 10Page - Intersil Corporation EL6203_07 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN7218.3
August 13, 2007
Applications Information
Product Description
The EL6203 is a solid state, low-power, high-speed laser
modulation oscillator with external resistor-adjustable
operating frequency and output amplitude. It is designed to
interface easily to laser diodes to break up optical feedback
resonant modes and thereby reduce laser noise. The output
of the EL6203 is composed of a push-pull current source,
switched alternately at the oscillator frequency. The output
and oscillator are automatically disabled for power saving
when the average laser voltage drops to less than 1.1V. The
EL6203 has the operating frequency from 60MHz to
600MHz and the output current from 10mAP-P to 100mAP-P.
The supply current is only 18.5mA for the output current of
50mAP-P at the operating frequency of 350MHz.
Theory of Operation
A typical semiconductor laser will emit a small amount of
incoherent light at low values of forward laser current. But
after the threshold current is reached, the laser will emit
coherent light. Further increases in the forward current will
cause rapid increases in laser output power. A typical
threshold current is 35mA and a typical slope efficiency is
0.7mW/mA.
When the laser is lasing, it will often change its mode of
operation slightly, due to changes in current, temperature, or
optical feedback into the laser. In a DVD-ROM, the optical
feedback from the moving disk forms a significant noise
factor due to feedback-induced mode hopping. In addition to
the mode hopping noise, a diode laser will roughly have a
constant noise level regardless of the power level when a
threshold current is exceeded.
The oscillator is designed to produce a low noise oscillating
current that is added to the external DC current. The
effective AC current is to cause the laser power to change at
the oscillator frequency. This change causes the laser to go
through rapid mode hopping. The low frequency component
of laser power noise due to mode hopping is translated up to
sidebands around the oscillator frequency by this action.
Since the oscillator frequency can be filtered out of the low
frequency read and serve channels, the net result is that the
laser noise seems to be reduced. The second source of
laser noise reduction is caused by the increase in the laser
power above the average laser power during the pushing-
current time. The signal-to-noise ratio (SNR) of the output
power is better at higher laser powers because of the almost
constant noise power when a threshold current is exceeded.
In addition, when the laser is off during the pulling-current
time, the noise is also very low.
RAMP and RFREQ Value Setting
The laser should always have a forward current during
operation. This will prevent the laser voltage from collapsing,
and ensure that the high frequency components reach the
junction without having to charge the junction capacitance.
Generally, it is desirable to make the oscillator currents as
large as possible to obtain the greatest reduction in laser
noise. But it is not a trivial matter to determine this critical
value. The amplitude depends on the wave shape of the
oscillator current reaching the laser junction.
If the output current is sinusoidal and the components in the
output circuit are fixed and linear, then the shape of the
current will be sinusoidal. But the amount of current reaching
the laser junction is a function of the circuit parasitics. These
parasitics can result in a resonant increase in output
depending on the frequency due to the junction capacitance
and layout. Also, the amount of junction current causing
laser emission is variable with frequency due to the junction
capacitance. In conclusion, the sizes of the RAMP and
RFREQ resistors must be determined experimentally. A good
starting point is to take a value of RAMP for a peak-to-peak
current amplitude less than the minimum laser threshold
current and a value of RFREQ for an output current close to a
sinusoidal wave form (refer to the “Typical Performance
Curves” on page 4).
RAMP and RFREQ Pin Interfacing
Figure 19 shows an equivalent circuit of pins associated with
the RAMP and RFREQ resistors. VREF is roughly 1.27V for
both RAMP and RFREQ. The RAMP and RFREQ resistors
should be connected to the non-load side of the power
ground to avoid noise pick-up. These resistors should also
return to the EL6203's ground very directly to prevent noise
pickup. They also should have minimal capacitance to
ground. Trimmer resistors can be used to adjust initial
operating points.
External voltage sources can be coupled to the RAMP and
RFREQ pins to effect frequency or amplitude modulation or
adjustment. It is recommended that a coupling resistor of 1k
be installed in series with the control voltage and mounted
directly next to the pin. This will keep the inevitable high-
frequency noise of the EL6203's local environment from
propagating to the modulation source, and it will keep
parasitic capacitance at the pin minimized.
-
+
PIN
VREF
FIGURE 19. RAMP AND RFREQ PIN INTERFACE
EL6203


Similar Part No. - EL6203_07

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6203CW ELANTEC-EL6203CW Datasheet
155Kb / 2P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203CW RENESAS-EL6203CW Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
EL6203CW-T13 RENESAS-EL6203CW-T13 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Intersil Corporation
EL6203CW-T7 INTERSIL-EL6203CW-T7 Datasheet
169Kb / 10P
   Laser Driver Oscillator
More results

Similar Description - EL6203_07

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
   Laser Driver Oscillator
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6206 INTERSIL-EL6206 Datasheet
136Kb / 7P
   Laser Driver Oscillator
EL6204 INTERSIL-EL6204_07 Datasheet
228Kb / 11P
   Laser Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com