Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6203 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL6203
Description  Laser Driver Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6203 Datasheet(HTML) 3 Page - Intersil Corporation

  EL6203_07 Datasheet HTML 1Page - Intersil Corporation EL6203_07 Datasheet HTML 2Page - Intersil Corporation EL6203_07 Datasheet HTML 3Page - Intersil Corporation EL6203_07 Datasheet HTML 4Page - Intersil Corporation EL6203_07 Datasheet HTML 5Page - Intersil Corporation EL6203_07 Datasheet HTML 6Page - Intersil Corporation EL6203_07 Datasheet HTML 7Page - Intersil Corporation EL6203_07 Datasheet HTML 8Page - Intersil Corporation EL6203_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN7218.3
August 13, 2007
IOSLOW
Offset Current @ 1.8V
RFREQ = 5210Ω, VOUT = 1.8V
-3.5
mA
IOUTP-P
Output Current Tolerance
Defined as one standard deviation
2
%
Duty Cycle
Output Push Time/Cycle Time
RFREQ = 5210Ω
43
%
PSRRAMP
Amplitude Change of Output
ΔI/I
VDD from 4.5V to 5.5V
-54
dB
TON
Auto Turn-on Time
Output voltage step from 0V to 2.2V
15
µs
TOFF
Auto Turn-off Time
Output voltage step from 2.2V to 0V
0.5
µs
IOUTN
Output Current Noise Density
RFREQ = 5210Ω, measured @ 10MHz
2.5
nA/
√Hz
NOTE:
1. Parts are 100% tested at +25°C. Over-temperature limits established by characterization and are not production tested.
Driver Characteristics
VDD = +5V, TA = +25°C, RL = 10Ω, RFREQ = 30.5kΩ (fOSC = 60MHz), RAMP = 2540Ω (IOUT = 50mAP-P
measured at 60MHz), VOUT = 2.2V (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
Pin Descriptions
PIN NAME
PIN TYPE
PIN DESCRIPTION
1
VDD
Positive power for laser driver (4.5V to 5.5V)
2
GND
Chip ground pin (0V)
3
IOUT
Current output to laser diode
4
RAMP
Set pin for output current amplitude
5
RFREQ
Set pin for oscillator frequency
IOUT Control
VOUT
IOUT
Less than VCUTOFF
OFF
More than VCUTOFF
Normal Operation
EL6203


Similar Part No. - EL6203_07

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6203CW ELANTEC-EL6203CW Datasheet
155Kb / 2P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203CW RENESAS-EL6203CW Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
EL6203CW-T13 RENESAS-EL6203CW-T13 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Intersil Corporation
EL6203CW-T7 INTERSIL-EL6203CW-T7 Datasheet
169Kb / 10P
   Laser Driver Oscillator
More results

Similar Description - EL6203_07

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
   Laser Driver Oscillator
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6206 INTERSIL-EL6206 Datasheet
136Kb / 7P
   Laser Driver Oscillator
EL6204 INTERSIL-EL6204_07 Datasheet
228Kb / 11P
   Laser Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com