Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3240EZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # CA3240EZ
Description  Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3240EZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CA3240EZ Datasheet HTML 5Page - Intersil Corporation CA3240EZ Datasheet HTML 6Page - Intersil Corporation CA3240EZ Datasheet HTML 7Page - Intersil Corporation CA3240EZ Datasheet HTML 8Page - Intersil Corporation CA3240EZ Datasheet HTML 9Page - Intersil Corporation CA3240EZ Datasheet HTML 10Page - Intersil Corporation CA3240EZ Datasheet HTML 11Page - Intersil Corporation CA3240EZ Datasheet HTML 12Page - Intersil Corporation CA3240EZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN1050.6
March 4, 2005
FIGURE 7. CONSTANT-VOLTAGE/CONSTANT-CURRENT POWER SUPPLY
FIGURE 8. TRANSIENT RESPONSE
3
2
1
10
11
9
8
7
6
4
5
3
1
2
12
14
1
2
3
8
4
7
6
5
8
13
-
+
1/2
CA3240E
2N6385
DARLINGTON
75
3K
2.7K
VI = 30V
+
- 2000µF
50V
CA3086E
TRANSISTOR
ARRAY
CHASSIS GROUND
2.2K
6.2K
1K
+
-
5
µF
16V
100K
100K
50K
100K
100
V+
V+
10K
+
-
1/2
CA3240E
1N914
0.056
µF
820
680K
100K
1
1W
180K
82K
+
-
500
µF
IO
VO
VO RANGE = 20mV TO 25V
LOAD REGULATION:
VOLTAGE <0.08%
CURRENT <0.05%
OUTPUT HUM AND NOISE
≤ 150µVRMS
(10MHz BANDWIDTH)
SINE REGULATION
≤ 0.1%/VO
IO RANGE = 10mA - 1.3A
Top Trace: Output Voltage;
500mV/Div., 5
µs/Div.
Bottom Trace: Collector Of Load Switching Transistor
Load = 100mA to 1A; 5V/Div., 5
µs/Div.
CA3240, CA3240A


Similar Part No. - CA3240EZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3240EZ RENESAS-CA3240EZ Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Similar Description - CA3240EZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com