Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3240EZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # CA3240EZ
Description  Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3240EZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CA3240EZ Datasheet HTML 4Page - Intersil Corporation CA3240EZ Datasheet HTML 5Page - Intersil Corporation CA3240EZ Datasheet HTML 6Page - Intersil Corporation CA3240EZ Datasheet HTML 7Page - Intersil Corporation CA3240EZ Datasheet HTML 8Page - Intersil Corporation CA3240EZ Datasheet HTML 9Page - Intersil Corporation CA3240EZ Datasheet HTML 10Page - Intersil Corporation CA3240EZ Datasheet HTML 11Page - Intersil Corporation CA3240EZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN1050.6
March 4, 2005
NOTE:
10.
At 220V operation, TRIAC should be T2300D, RS = 18K, 5W.
FIGURE 5. ON/OFF TOUCH SWITCH
FIGURE 6. DUAL LEVEL DETECTER
7
1
2
3
5
6
5
13
9
10
2
4
8
7
11
8
4
120V/220V
AC
60Hz/50Hz
10K (2W)
RS (NOTE 10)
12K
MT2
MT1
G
40W
120V LIGHT
T2300B (NOTE 12)
51K
COMMON
+
-
100
µF (16V)
+6V SOURCE
1N914
1N914
42K
36K
+6V
+6V
44M
44M
CA3059
CA3240
CA3240
+
-
+
-
+6V
1M
5.1M
1M
0.01
µF
0.01
µF
1M
“ON”
“OFF”
1/2
1/2
6
5
3
2
8
4
+15V
12M
12M
+15V
8.2K
240K
100K
100K
1
7
7
+15V
CA3140
+
-
6
3
2
4
33K
100K
100K
160K
0.1
µF
(0.5V)
HIGH
LEVEL
LOW
LEVEL
0.1
µF
680
LED
LED ON WHEN
LIQUID OUTSIDE
OF LIMITS
CA3240
+
-
1/2
CA3240
+
-
1/2
CA3240, CA3240A


Similar Part No. - CA3240EZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3240EZ RENESAS-CA3240EZ Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Similar Description - CA3240EZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com