Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM199 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM199
Description  Precision Reference
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM199 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM199_05 Datasheet HTML 1Page - National Semiconductor (TI) LM199_05 Datasheet HTML 2Page - National Semiconductor (TI) LM199_05 Datasheet HTML 3Page - National Semiconductor (TI) LM199_05 Datasheet HTML 4Page - National Semiconductor (TI) LM199_05 Datasheet HTML 5Page - National Semiconductor (TI) LM199_05 Datasheet HTML 6Page - National Semiconductor (TI) LM199_05 Datasheet HTML 7Page - National Semiconductor (TI) LM199_05 Datasheet HTML 8Page - National Semiconductor (TI) LM199_05 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM199/LM299/LM399
Precision Reference
General Description
The LM199 series are precision, temperature-stabilized
monolithic zeners offering temperature coefficients a factor
of ten better than high quality reference zeners. Constructed
on a single monolithic chip is a temperature stabilizer circuit
and an active reference zener. The active circuitry reduces
the dynamic impedance of the zener to about 0.5
Ω and
allows the zener to operate over 0.5 mA to 10 mA current
range with essentially no change in voltage or temperature
coefficient. Further, a new subsurface zener structure gives
low noise and excellent long term stability compared to
ordinary monolithic zeners. The package is supplied with a
thermal shield to minimize heater power and improve tem-
perature regulation.
The LM199 series references are exceptionally easy to use
and free of the problems that are often experienced with
ordinary zeners. There is virtually no hysteresis in reference
voltage with temperature cycling. Also, the LM199 is free of
voltage shifts due to stress on the leads. Finally, since the
unit is temperature stabilized, warm up time is fast.
The LM199 can be used in almost any application in place of
ordinary zeners with improved performance. Some ideal
applications are analog to digital converters, calibration stan-
dards, precision voltage or current sources or precision
power supplies. Further in many cases the LM199 can re-
place references in existing equipment with a minimum of
wiring changes.
The LM199 series devices are packaged in a standard her-
metic TO-46 package inside a thermal shield. The LM199 is
rated for operation from −55˚C to +125˚C while the LM299 is
rated for operation from −25˚C to +85˚C and the LM399 is
rated from 0˚C to +70˚C.
Features
n
Guaranteed 0.0001%/˚C temperature coefficient
n
Low dynamic impedance — 0.5
n
Initial tolerance on breakdown voltage — 2%
n
Sharp breakdown at 400 µA
n
Wide operating current — 500 µA to 10 mA
n
Wide supply range for temperature stabilizer
n
Guaranteed low noise
n
Low power for stabilization — 300 mW at 25˚C
n
Proven reliability, low-stress packaging in TO-46
integrated-circuit hermetic package, for low hysteresis
after thermal cycling. 33 million hours MTBF at T
A =
+25˚C (T
J = +86˚C)
Connection Diagram
Metal Can Package (TO-46)
00571714
Top View
NS Package Number H04D
Ordering Information
Order Number
Initial Tolerance
Ambient Temperature
Package Marking
Transport Method
NSC Package
LM199AH
±2%
-50˚C to +125˚C
LM199AH
Box of 500
H04A
LM199AH/883
±2%
-50˚C to +125˚C
LM199AH/Q
Tray of 20
H04A
LM299H
±2%
-25˚C to +85˚C
LM299H
Box of 500
H04A
LM399AH
±5%
0˚C to +70˚C
LM399AH
Box of 500
H04A
LM399H
±5%
0˚C to +70˚C
LM399H
Box of 500
H04A
April 2005
© 2005 National Semiconductor Corporation
DS005717
www.national.com


Similar Part No. - LM199_05

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM199A LINER-LM199A Datasheet
296Kb / 5P
Precision Reference
LM199A LINER-LM199A Datasheet
141Kb / 8P
Precision Reference
LM199A LINER-LM199A Datasheet
171Kb / 8P
Precision Reference
LM199AH LINER-LM199AH Datasheet
296Kb / 5P
Precision Reference
LM199AH LINER-LM199AH Datasheet
141Kb / 8P
Precision Reference
More results

Similar Description - LM199_05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
Precision Reference
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
Precision Reference?
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
Precision Reference
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
Precision Reference
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
Precision Reference
logo
Linear Technology
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
Precision Reference
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com